công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADPD103BCPZRL bảng dữ liệu(PDF) 22 Page - Analog Devices

tên linh kiện ADPD103BCPZRL
Giải thích chi tiết về linh kiện  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADPD103BCPZRL bảng dữ liệu(HTML) 22 Page - Analog Devices

Back Button ADPD103BCPZRL Datasheet HTML 18Page - Analog Devices ADPD103BCPZRL Datasheet HTML 19Page - Analog Devices ADPD103BCPZRL Datasheet HTML 20Page - Analog Devices ADPD103BCPZRL Datasheet HTML 21Page - Analog Devices ADPD103BCPZRL Datasheet HTML 22Page - Analog Devices ADPD103BCPZRL Datasheet HTML 23Page - Analog Devices ADPD103BCPZRL Datasheet HTML 24Page - Analog Devices ADPD103BCPZRL Datasheet HTML 25Page - Analog Devices ADPD103BCPZRL Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
Data Sheet
ADPD103
Rev. B | Page 21 of 52
NOTES
1. THE SHADED AREAS REPRESENT WHEN THE DEVICE IS LISTENING.
MASTER START
SLAVE ADDRESS + WRITE
REGISTER ADDRESS
SLAVE
ACK
ACK
ACK
ACK
MASTER START
Sr
SLAVE ADDRESS + WRITE
REGISTER ADDRESS
ACK/NACK
STOP
SLAVE
ACK
ACK
DATA[7:0]
REGISTER WRITE
DATA[15:8]
REGISTER READ
SLAVE ADDRESS + READ
ACK
DATA[7:0]
DATA[15:8]
STOP
ACK
DATA TRANSFERRED
n (DATA[15:8]+ACK+DATA[7:0] + ACK/NACK)
MASTER START
Sr
SLAVE ADDRESS + WRITE
REGISTER ADDRESS
NACK
STOP
SLAVE
ACK
ACK
DATA[7:0]
REGISTER READ
SLAVE ADDRESS + READ
ACK
DATA[15:8]
ACK
I2C WRITE
I2C SINGLE WORD READ MODE
I2C MULTIWORD READ MODE
Figure 19. I2C Write and Read Operations
TYPICAL CONNECTION DIAGRAM
Figure 21 and Figure 22 show two possible photodiode input
connections for the ADPD103. The 1.8 V I2C communication
lines, SCL and SDA, along with the INT line, connect to a
system microprocessor or sensor hub. The I2C signals can have
pull-up resistors connected to a 1.8 V or a 3.3 V power supply.
The INT and PDSO signals are only compatible with a 1.8 V
supply and may need a level translator.
Provide the 1.8 V supply, VDD, to AVDD and DVDD. Use single
(VLED) or multiple (VLED1, VLED2, and VLED3) sources for the LED
supply using standard regulator circuits according to the peak
current requirements specified in Table 3 and calculated in the
Calculating Current Consumption section.
For best noise performance, connect AGND, DGND (exposed
pad), and LGND together at a large conductive surface such as a
ground plane, a ground pour, or a large ground trace.
The number of photodiodes or LEDs used varies. There are
multiple ways to connect photodiodes to the input channels,
as shown in Table 16 and Figure 23. The photodiode anodes are
connected to the PD1 to PD8 input pins, and the photodiode
cathodes are connected to the cathode pin.
With large photodiodes, the dynamic range can be increased by
splitting the current between multiple inputs. As a result, if only
one large photodiode is used and the receive signal is expected
to be large, the diode can be branched across all four inputs in a
given time slot. This type of configuration is shown in Figure 21.
For situations where the photodiode is small or the signal is greatly
attenuated, the photodiode can be connected directly to a single
channel such as PD1 or PD5. This connection, shown in Figure 22,
maximizes SNR for low signals. Do not connect the same
photodiode to all eight input channels. It is important to leave the
unused input channels floating for proper device operation. The
WLCSP package is internally wired for high dynamic range mode.
Figure 20 shows the recommended connection diagram and
printed circuit board (PCB) layout for the ADPD103 WLCSP
package. See Figure 21 or Figure 22 for connection details.
The current input pins (PD1 to PD8) have a typical voltage of
1.3 V during the sampling period. During the sleep period,
these pins are connected to the cathode pin. The cathode and
anode voltages are listed in Table 3.
1
2
3
A
B
C
D
E
F
LGND
LEDX2
LEDX3
LEDX1
SDA
SCL
INT
DVDD
DGND
PDSO
VREF
AVDD
PD5-8
PDC
PD1-4
AGND
Figure 20. WLCSP Package Connection and PCB Layout Diagram (Top View)
INT
PDSO
DVDD
AGND
VREF
AVDD
PD1
PD8
NIC
NIC
NIC
NIC
NIC
NIC
1
7
21
15
28
22
8
14
ADPD103
TOP VIEW
(Not to Scale)
4.7µF
4.7µF
VLED2 VLED1
4.7µF
VLED3
I2C BUS
TO/FROM
HOST PROCESSOR
POWER-DOWN
CONTROL
0.1µF
0.1µF
0.1µF
1.8V
Figure 21. Connection Diagram for Increased Dynamic Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com