| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FT51AL-R bảng dữ liệu(PDF) 3 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT51AL-R bảng dữ liệu(HTML) 3 Page - Future Technology Devices International Ltd. |
|
3 / 43 page ![]() Copyright © Future Technology Devices International Limited 3 FT51A Advanced MCU with 8051 Compatible Core IC Datasheet Version 1.5 Doc ument N o.: FT _000877 C learance N o.: FT DI#420 Table of Contents 1 Typical Applications...................................................... 2 1.1 Part Numbers ......................................................................... 2 1.2 USB Compliant ........................................................................ 2 2 Device Pin Out and Signal Description ........................... 5 2.1 Pin Out - 28 pin SSOP............................................................. 5 2.2 Pin Out - 32 pin WQFN ........................................................... 6 2.3 Pin Out - 44-Pin LQFP............................................................. 7 2.4 Pin Out - 48-Pin WQFN ............................................................ 8 2.5 Pin Configuration Description .................................................. 9 3 Functional Description................................................ 11 3.1 Key Features..........................................................................11 3.1.1 Functional Integration ............................................................................. 11 3.1.2 8051 Core ............................................................................................. 11 3.2 Functional Block Descriptions .................................................12 3.2.1 8051 Ports 0 - 3..................................................................................... 12 3.2.2 Timers and Watchdog.............................................................................. 12 3.2.3 PLL Control............................................................................................ 13 3.2.4 16KB Multi-Time Programmable (MTP) memory ........................................... 13 3.2.5 8KB Data RAM ....................................................................................... 13 3.2.6 16KB Shadow RAM ................................................................................. 13 3.2.7 Special Function Register ......................................................................... 13 3.2.8 IO Registers .......................................................................................... 13 3.2.9 LDO Regulators ...................................................................................... 13 3.2.10 BCD Detect ........................................................................................... 13 3.2.11 USB XCVR ............................................................................................. 14 3.2.12 IO Multiplexer ........................................................................................ 14 3.2.13 I2C Master............................................................................................. 14 3.2.14 I2C Slave .............................................................................................. 15 3.2.15 SPI Slave .............................................................................................. 15 3.2.16 SPI Master ............................................................................................ 15 3.2.17 Debugger .............................................................................................. 15 3.2.18 245 FIFO .............................................................................................. 16 3.2.19 PWM .................................................................................................... 16 3.2.20 Digital IO pins........................................................................................ 16 3.2.21 Analogue IO pins .................................................................................... 16 |