| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PRCP-R075 bảng dữ liệu(PDF) 6 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
PRCP-R075 bảng dữ liệu(HTML) 6 Page - Copal Electronics |
|
6 / 7 page ![]() Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Customers should verify actual device performance in their specific applications. t User direction of feed Cross section A - B p p H H1 Reference plane W0 H0 W1 W A B F D0 P0 I1 I2 L H1 P1 h h h w h f d Reel Upper side Tape Lower side User direction of feed Reel Dimensions - Figure 2 Taped Component Dimensions - Figure 1 DIMENSIONS = MM (INCHES) IEC EIA Dimensions Dimension Description Mark Mark Dimensions Tolerance Arbor hole diameter f c Core diameter h n max. Box nom. Consecutive missing places 3 max. Empty places per reel Not specified 26 (1.024) 80 (3.15) 62 (2.44) 355 (14.0) 345 (13.6) ±12.0 (±.472) PRCP-R Series Tape and Reel Specifications Lead spacing F F Reel width w W2 max. Reel diameter d a max. Space between flanges less device W1 h 5.08 (0.2) 56 (2.205) 370 (14.57) ±0.2 (±.008) 4.75 (.187) ±3.25 (±.128) DIMENSIONS = MM (INCHES) |