| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PRCP-SM bảng dữ liệu(PDF) 4 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
PRCP-SM bảng dữ liệu(HTML) 4 Page - Copal Electronics |
|
4 / 5 page ![]() PRCP-SM030, 050, 075, 100, 125, 260; PRCP-SM150, 200, 250; PRCP-SM100/33 PRCP-SM150/33, PRCP-SM185/33; W P0 P1 P2 A0 B0 B1 max. D0 F E1 E2 min. T max. T1 max. K0 Leader min. Trailer min. Reel Dimensions A max. N min. W1 W2 max. 7.5 ± 0.1 (0.295 + 0.004) PRCP-SM & PRCP-SM/33 Series Tape and Reel Specifications B1 N(HUB DIA.) (MEASURED AT HUB) A T COVER TAPE K0 T1 A0 W2 (MEASURED AT HUB) W1 P1 B0 F D0 P2 P0 E2 E1 W UNIT = MM (INCHES) 16.0 ± 0.3 (0.630 ± 0.012) 16.0 ± 0.3 (0.630 ± 0.012) 4.0 ± 0.1 (0.157 ± 0.004) 4.0 ± 0.1 (0.157 ± 0.004) 8.0 ± 0.1 (0.315 ± 0.004) 12.0 ± 0.1 (0.472 ± 0.004) 2.0 ± 0.1 (0.079 ± 0.004) 2.0 ± 0.1 (0.079 ± 0.004) 5.7 ± 0.1 (0.224 ± 0.004) 6.9 ± 0.1 (0.272 ± 0.004) 8.1 ± 0.1 (0.319 ± 0.004) 9.6 ± 0.1 (0.378 ± 0.004) 12.1 (0.476) 12.1 (0.476) 1.75 ± 0.1 (0.069 ± 0.004) 1.75 ± 0.1 (0.069 ± 0.004) 14.25 (0.561) 14.25 (0.561) 390 (15.35) 390 (15.35) 7.5 ± 0.1 (0.295 + 0.004) 16.4 + 2.0/ -0.0 (0.646 + 0.079/-0) 16.4 + 2.0/ -0.0 (0.646 + 0.079/-0) 1.5 + 0.1/-0.0 (0.059 + 0.004/-0) 1.5 + 0.1/-0.0 (0.059 + 0.004/-0) 0.6 (0.024) 0.6 (0.024) 0.1 (0.004) 0.1 (0.004) 3.4 ± 0.1 (0.134 ± 0.004) 3.4 ± 0.1 (0.134 ± 0.004) 160 (6.30) 160 (6.30) 360 (14.17) 360 (14.17) 50 (1.97) 50 (1.97) 22.4 (0.882) 22.4 (0.882) Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Customers should verify actual device performance in their specific applications. per EIA-481-2 per EIA-481-2 Tape Dimensions |