| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CLC4601 bảng dữ liệu(PDF) 13 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
CLC4601 bảng dữ liệu(HTML) 13 Page - Exar Corporation |
|
13 / 15 page ![]() Data Sheet ©2007-2013 Exar Corporation 13/15 Rev 1E Evaluation Board Information The following evaluation boards are available to aid in the testing and layout of these devices: Evaluation Board # Products CEB006 CLC2601 CEB018 CLC3601, CLC4601 Evalutaion Board Schematics Evaluation board schematics and layouts are shown in Fig- ures 9-14. These evaluation boards are built for dual- sup- ply operation. Follow these steps to use the board in a single-supply application: 1. Short -Vs to ground. 2. Use C3 and C4, if the -VS pin of the amplifier is not directly connected to the ground plane. Figure 9. CEB006 Schematic Figure 10. CEB006 Top View Figure 11. CEB006 Bottom View |