| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSP3410D bảng dữ liệu(PDF) 10 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
MSP3410D bảng dữ liệu(HTML) 10 Page - Micronas |
|
10 / 83 page ![]() MSP 34x0D PRELIMINARY DATA SHEET 10 Micronas 4. Architecture of the MSP 34x0D Fig. 4–1 shows a simplified block diagram of the IC. Its architecture is split into three main functional blocks: 1. demodulator and NICAM decoder section 2. digital signal processing (DSP) section performing audio baseband processing 3. analog section containing two A/D-converters, nine D/A-converters, and SCART Switching Facili- ties. 4.1. Demodulator and NICAM Decoder Section 4.1.1. Analog Sound IF – Input Section The input pins ANA_IN1+, ANA_IN2+, and ANA_IN − offer the possibility to connect two different sound IF (SIF) sources to the MSP 34x0D. By means of bit [8] of AD_CV (see Table 6–5 on page 25), either terrestrial or satellite sound IF signals can be selected. The ana- log-to-digital conversion of the preselected sound IF signal is done by an A/D converter whose output is used to control an analog automatic gain circuit (AGC) providing an optimal level for a wide range of input lev- els. It is possible to switch between automatic gain control and a fixed (setable) input gain. In the optimal case, the input range of the A/D converter is com- pletely covered by the sound IF source. Some combi- nations of SAW filters and sound IF mixer ICs, how- ever, show large picture components on their outputs. In this case, filtering is recommended. It was found, that the high-pass filters formed by the coupling capac- itors at pins ANA_IN1+ and ANA_IN2+ and the IF impedance (as shown in the application diagram) are sufficient in most cases. Fig. 4–1: Architecture of the MSP 34x0D Sound IF ANA_IN1+ ANA_IN2+ Mono MONO_IN SC1_IN_L SCART1 SC1_IN_R SC2_IN_L SCART2 SC2_IN_R SC3_IN_L SCART3 SC3_IN_R SC4_IN_L SC4_IN_R SCART4 Demodulator & NICAM Decoder SCART Switching Facilities A/D A/D D/A D/A D/A D/A D/A D/A D/A D/A D/A 2 IDENT SCARTL SCARTR NICAM B NICAM A FM2 I2S1/2L/R FM1/AM I2S_L/R LOUD- SPEAKER L LOUD- SPEAKER R SCART1_L SCART1_R SCART2_L SCART2_R DSP HEADPHONE R HEADPHONE L SUBWOOFER I2S Interface Crystal PLL ADR-Bus I2S_DA_IN1 I2S_DA_OUT I2S_DA_IN2 I2S_WS I2S_CL XTAL_OUT AUD_CL_OUT XTAL_IN D_CTR_OUT0/1 DACM_L Loudspeaker DACM_R DACM_SUB Subwoofer Headphone DACA_L DACA_R SC1_OUT_L SC1_OUT_R SC2_OUT_L SC2_OUT_R SCART 2 SCART 1 |