| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSP3400D bảng dữ liệu(PDF) 3 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
MSP3400D bảng dữ liệu(HTML) 3 Page - Micronas |
|
3 / 83 page ![]() Contents, continued Page Section Title PRELIMINARY DATA SHEET MSP 34x0D Micronas 3 21 6. Programming the Demodulator and NICAM Decoder Section 21 6.1. Short-Programming and General Programming of the Demodulator Part 22 6.2. Demodulator Write Registers: Table and Addresses 22 6.3. Demodulator Read Registers: Table and Addresses 23 6.4. Demodulator Write Registers for Short-Programming: Functions and Values 23 6.4.1. Demodulator Short-Programming 24 6.4.2. AUTO_FM/AM: Automatic Switching between NICAM and FM/AM-Mono 25 6.5. Demodulator Write Registers for the General Programming Mode: Functions and Values 25 6.5.1. Register ‘AD_CV’ 27 6.5.2. Register ‘MODE_REG’ 28 6.5.3. FIR Parameter 30 6.5.4. DCO Registers 31 6.6. Demodulator Read Registers: Functions and Values 32 6.6.1. Autodetection of Terrestrial TV Audio Standards 32 6.6.2. C_AD_BITS 32 6.6.3. ADD_BITS [10...3] 0038hex 32 6.6.4. CIB_BITS 33 6.6.5. ERROR_RATE 0057hex 33 6.6.6. CONC_CT (for compatibility with MSP 3410B) 33 6.6.7. FAWCT_IST (for compatibility with MSP 3410B) 33 6.6.8. PLL_CAPS 33 6.6.9. AGC_GAIN 33 6.7. Sequences to Transmit Parameters and to Start Processing 35 6.8. Software Proposals for Multistandard TV Sets 35 6.8.1. Multistandard Including System B/G with NICAM/FM-Mono only 35 6.8.2. Multistandard Including System I with NICAM/FM-Mono only 35 6.8.3. Multistandard Including System B/G with NICAM/FM-Mono and German DUAL-FM 35 6.8.4. Satellite Mode 35 6.8.5. Automatic Search Function for FM Carrier Detection 37 7. Programming the DSP Section (Audio Baseband Processing) 37 7.1. DSP Write Registers: Table and Addresses 39 7.2. DSP Read Registers: Table and Addresses 40 7.3. DSP Write Registers: Functions and Values 40 7.3.1. Volume – Loudspeaker and Headphone Channel 41 7.3.2. Balance – Loudspeaker and Headphone Channel 41 7.3.3. Bass – Loudspeaker and Headphone Channel 42 7.3.4. Treble – Loudspeaker and Headphone Channel 42 7.3.5. Loudness – Loudspeaker and Headphone Channel 43 7.3.6. Spatial Effects – Loudspeaker Channel 44 7.3.7. Volume – SCART1 and SCART2 Channel 44 7.3.8. Channel Source Modes 45 7.3.9. Channel Matrix Modes 45 7.3.10. SCART Prescale 46 7.3.11. FM/AM Prescale 46 7.3.12. FM Matrix Modes (see also Table 4–1) 46 7.3.13. FM Fixed Deemphasis |