| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ML620Q151A bảng dữ liệu(PDF) 18 Page - LAPIS Semiconductor Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ML620Q151A bảng dữ liệu(HTML) 18 Page - LAPIS Semiconductor Co., Ltd. |
|
18 / 36 page ![]() FEDL620Q150A-01 ML620Q151A/2A/3A/4A/5A/6A/7A/8A/9A 18/36 TERMINATION OF UNUSED PINS How to Terminate Unused Pins Pin Recommended pin termination RESET_N open P14/TEST0 open TEST1_N open VREF Connect to VDD P00 to P05* Connect VDD or VSS P12 Connect VDD or VSS P13 open P20 to P23 open P30 to P37* open P40 to P47 open P50 to P57* open P60 to P67* open P70 to P74* open P80 to P87 open *: ML620Q15XA have a different pin configuration for each package. See “LIST OF PINS” for more details. Note: For unused input ports or unused input/output ports, if the corresponding pins are configured as high-impedance inputs and left open, the supply current may become excessively large. Therefore, it is recommended to configure those pins as either inputs with a pull-down resistor/pull-up resistor or outputs. |