| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ML610Q421 bảng dữ liệu(PDF) 20 Page - LAPIS Semiconductor Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ML610Q421 bảng dữ liệu(HTML) 20 Page - LAPIS Semiconductor Co., Ltd. |
|
20 / 37 page ![]() FEDL610Q421-03 ML610Q421/ML610Q422 TERMINATION OF UNUSED PINS Table 3 shows methods of terminating the unused pins. Table 3 Termination of Unused Pins Pin Recommended pin termination VPP Open AVDD VSS AVSS VSS VREF VSS AIN0, AIN1 Open VL1, VL2, VL3, VL4 Open C1, C2, C3, C4 Open RESET_N Open TEST Open NMI Open P00 to P03 VDD or VSS P10 to P11 VDD P20 to P22 Open P30 to P35 Open P40 to P47 Open PA0 to PA7 Open COM0 to 15 Open SEG0 to 49 Open Note: It is recommended to set the unused input ports and input/output ports to the inputs with pull-down resistors/pull-up resistors or the output mode since the supply current may become excessively large if the pins are left open in the high impedance input setting. 20/37 |