| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSOS604A bảng dữ liệu(PDF) 21 Page - Keysight Technologies |
|
|
|||||||||||||||||||||||||||||
MSOS604A bảng dữ liệu(HTML) 21 Page - Keysight Technologies |
|
21 / 42 page ![]() 21 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet Vector Signal Analysis Expand your oscilloscope with the 89601B vector signal analysis software. This application takes data from the scope and provides spectrum analysis and digital modulation analysis for wireless communication. Other Popular Applications MATLAB integration with User Defined Functions Install MATLAB on your oscilloscope, and add your favorite .m scripts as math function operators. Export and analyze oscilloscope data directly with MATLAB. The FFT waterfall spectrogram on the right is an example of processing that can be done in MATLAB. Order N8831A with option 001 for MATLAB Basic or option 002 for MATLAB advanced. License type Fixed Floating Optional application description Factory-installed on new scope purchase or user-installed on existing scope User-installed transportable license Server-based license (N5435A option) Analysis DSA (bundle with EZJIT Complete and SDA bundle) DSOS000-DSA (new purchase only) N/A 003 and 055 Equalization emulation N5461B-1FP N5461B-1TP 026 EZJIT E2681B-1FP E2681B-1TP 002 EZJIT Plus N5400B-1FP N5400B-1TP 001 EZJIT Complete vertical noise analysis N8823B-1FP N8823B-1TP 067 InfiniiScan N5415B-1FP N5415B-1TP 004 Infiniisim Basic N5465B-3FP N5465B-3TP 026 InfiniiSim Advanced N5465B-1FP N5465B-1TP 027 OSA (Oscilloscope Signal Analyzer) W2650A N/A N/A Power U1882B-1FP U1882B-1TP N/A PrecisionProbe N2808A-1FP N2808A-1TP 044 Serial data analysis N5384A-1FP N5384A-1TP 003 UDF (user-defined function for MATLAB integration) N5430B-1FP N5430B-1TP 005 User Defined Functions N8833B-1FP N8833B-1FP 084 Crosstalk analysis N8833B-1FP N8833B-1FP 084 PAM-4 N8836A-1FP N8836A-1TP 094 MultiScope – 2 scopes N8834A-AFP N8834A-ATP 085 – 5 scopes N8834A-BFP N8834A-BTP 086 – 10 scopes N8834A-CFP N8834A-CTP 090 National Instrument Drivers LabVIEW Plug and Play and IVI-C drivers for S-Series are available on ni.com/idnet |