công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2575HVT-5.0 bảng dữ liệu(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
tên linh kiện LM2575HVT-5.0
Giải thích chi tiết về linh kiện  SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2575HVT-5.0 bảng dữ liệu(HTML) 23 Page - National Semiconductor (TI)

Back Button LM2575HVT-5.0 Datasheet HTML 19Page - National Semiconductor (TI) LM2575HVT-5.0 Datasheet HTML 20Page - National Semiconductor (TI) LM2575HVT-5.0 Datasheet HTML 21Page - National Semiconductor (TI) LM2575HVT-5.0 Datasheet HTML 22Page - National Semiconductor (TI) LM2575HVT-5.0 Datasheet HTML 23Page - National Semiconductor (TI) LM2575HVT-5.0 Datasheet HTML 24Page - National Semiconductor (TI) LM2575HVT-5.0 Datasheet HTML 25Page - National Semiconductor (TI) LM2575HVT-5.0 Datasheet HTML 26Page - National Semiconductor (TI) LM2575HVT-5.0 Datasheet HTML 27Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
Definition of Terms (Continued)
CONTINUOUS/DISCONTINUOUS MODE OPERATION
Relates to the inductor current. In the continuous mode, the
inductor current is always flowing and never drops to zero,
vs. the discontinuous mode, where the inductor current
drops to zero for a period of time in the normal switching
cycle.
INDUCTOR SATURATION
The condition which exists when an inductor cannot hold any
more magnetic flux. When an inductor saturates, the induc-
tor appears less inductive and the resistive component domi-
nates. Inductor current is then limited only by the DC resis-
tance of the wire and the available source current.
OPERATING VOLT MICROSECOND CONSTANT (E
•T
op)
The product (in VoIt
•µs) of the voltage applied to the inductor
and the time the voltage is applied. This E
•T
op constant is a
measure of the energy handling capability of an inductor and
is dependent upon the type of core, the core area, the
number of turns, and the duty cycle.
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27