| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MTCH6301-I/ML bảng dữ liệu(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MTCH6301-I/ML bảng dữ liệu(HTML) 4 Page - Microchip Technology |
|
4 / 40 page ![]() MTCH6301 DS40001663B-page 4 2012-2014 Microchip Technology Inc. 3.0 PIN DIAGRAM FIGURE 3-1: 44-PIN TQFP, QFN(1,2) Note 1: All RX/TX are remappable. Refer to Section 5.6 “Sensor Layout Configuration” for further information. 2: The metal plate at the bottom of the device is not connected to any pins and it is recommended to be connected to VSS externally. MTCH6301 SDA TX17 TX16 TX15 TX14 VSS VCAP INT N/C RX12 RX11 TX0 TX1 TX2 TX3 VSS VDD RX0 RX1 RX2 RX3 RX4 MTCH6301 1 2 3 4 5 6 7 8 9 10 11 33 32 31 30 29 28 27 26 25 24 23 |