| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PAC1710 bảng dữ liệu(PDF) 39 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PAC1710 bảng dữ liệu(HTML) 39 Page - Microchip Technology |
|
39 / 48 page ![]() 2015-2016 Microchip Technology Inc. DS20005386B-page 39 PAC1710/20 7.0 PACKAGE DESCRIPTION 7.1 Package Marking Information 10-Lead VDFN (3x3x0.9 mm) Example Part Number Code PAC1710-1-AIA-TR 25WW PAC1720-1-AIA-TR 26WW Legend: Y Year code (last digit of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code <R> Package <COO> Country of origin Note : In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. e4 PIN 1 25WW NNNA e4 PIN 1 2504 256A |