công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MBR20150FCT bảng dữ liệu(PDF) 1 Page - MORE Semiconductor Company Limited

tên linh kiện MBR20150FCT
Giải thích chi tiết về linh kiện  20A Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MORESEMI [MORE Semiconductor Company Limited]
Trang chủ  http://www.moresemi.com/
Logo MORESEMI - MORE Semiconductor Company Limited

MBR20150FCT bảng dữ liệu(HTML) 1 Page - MORE Semiconductor Company Limited

  MBR20150FCT Datasheet HTML 1Page - MORE Semiconductor Company Limited MBR20150FCT Datasheet HTML 2Page - MORE Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lead Free
FEATURES
·Metal of silicon rectifier,majority carrier conducton
·Guard ring for transient protection
·Low power loss, high efficiency
·High current capability, low VF
·High surge capacity
·Plastic package has UL flammability
MECHANICAL DATA
·Case :TO-220F
·Polarity : As marked on the body
·Mounting position : Any
MAXIMUM RATINGS AND
AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%
20A Schottky Barrier Rectifiers
MBR20150FCT
MORE Semiconductor Company Limited
http://www.moresemi.com
1/2
classification 94V-0
molded plastic
TO-220F PACKAGE
CHARACTERISTICS
SYMBOL
MBR20150FCT
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
150
V
Maximum RMS Voltage
VRMS
105
V
Maximum DC Blocking Voltage
Vcc
150
V
Average Rectifier Forward Current
( per diode )
Total Device (Rated VR) @TC=125℃
IF(AV)
10
20
A
Non-Repetitive Peak Surge Current (Surge applied at
rate load conditions halfware, single phase, 60Hz)
IFSM
150
A
Maximum Instantaneous Forward Voltage
IF=10A
Tc=25℃
Tc=125℃
VF
0.92
0.85
V
Instantaneous Reverse Current
AT VRM
Tc=25℃
Tc=125℃
IR
0.05
15
MA
Typical Thermal Resistance
R0JC
3.6
℃/W
Operating Temperature Range
TJ
-55to+175
℃
Storage Temperature Range
TSTG
-55to+175
℃


Số phần tương tự - MBR20150FCT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Compact Technology Corp...
MBR20150FCT CTC-MBR20150FCT Datasheet
66Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR20150FCT PANJIT-MBR20150FCT Datasheet
94Kb / 2P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
MBR20150FCT MCC-MBR20150FCT Datasheet
142Kb / 4P
20 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
logo
Sirectifier Global Corp...
MBR20150FCT SIRECT-MBR20150FCT Datasheet
145Kb / 4P
Power Schottky Rectifier - 20Amp 150Volt
logo
Kersemi Electronic Co.,...
MBR20150FCT KERSEMI-MBR20150FCT Datasheet
1Mb / 3P
20 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
More results

Mô tả tương tự - MBR20150FCT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SeCoS Halbleitertechnol...
SM20200D SECOS-SM20200D Datasheet
308Kb / 2P
20A Schottky Barrier Rectifiers
SM20150D SECOS-SM20150D_15 Datasheet
242Kb / 2P
20A Schottky Barrier Rectifiers
SM20200D SECOS-SM20200D_15 Datasheet
205Kb / 2P
20A Schottky Barrier Rectifiers
logo
Frontier Electronics.
MBR2040CT FRONTIER-MBR2040CT Datasheet
528Kb / 2P
20A SCHOTTKY BARRIER RECTIFIERS
F20S45-THRU-F20S50 FRONTIER-F20S45-THRU-F20S50 Datasheet
497Kb / 2P
20A SCHOTTKY BARRIER RECTIFIERS
logo
MORE Semiconductor Comp...
MBR2045FCT MORESEMI-MBR2045FCT Datasheet
710Kb / 2P
20A Schottky Barrier Rectifiers
MBR20100CT MORESEMI-MBR20100CT Datasheet
770Kb / 2P
20A Schottky Barrier Rectifiers
MBR20100FCT MORESEMI-MBR20100FCT Datasheet
694Kb / 2P
20A Schottky Barrier Rectifiers
MBR20150CT MORESEMI-MBR20150CT Datasheet
864Kb / 2P
20A Schottky Barrier Rectifiers
MBR20200CT MORESEMI-MBR20200CT Datasheet
894Kb / 2P
20A Schottky Barrier Rectifiers
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com