| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AF-SERIES bảng dữ liệu(PDF) 2 Page - Vanlong Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
AF-SERIES bảng dữ liệu(HTML) 2 Page - Vanlong Technology Co., Ltd. |
|
2 / 2 page ![]() ARRAY BPF (AF TYPE) Phone: +86 10 5820-3910 Fax: +86 10 5820-3915 Email: sales@vanlong.com Web: http://www.vanlong.com © April 2004 by Vanlong Technology Co., Ltd. AF Series Continued from the preceding page. Part Number Center Freq. fO (MHz) Pass Bandwidth (MHz) IL (dB) max Ripple (dB) max VSWR max Stop Band Attenuation (dB) min Dimension W x L x H (mm) Applications AF5A1950S60HCA 1950.0 fO ± 30.0 2.5 1.0 1.5 55 (fO ± 160) 23.0x15x5.5 IMT-2000 AF5A2140S60HCA 2140.0 fO ± 30.0 2.5 1.0 1.5 55 (fO ± 160) 23.0x15x5.5 AF6A1747F75KCA 1747.5 fO ± 37.5 3.5 3.0 1.5 25 (fO ± 57.5) 38.0x16x8.0 DCS AF6A1842F75KCA 1842.5 fO ± 37.5 3.5 3.0 1.5 25 (fO ± 57.5) 38.0x16x8.0 AF4A409F07KCA 409.5 fO ± 3.5 3.0 0.8 1.7 30 (fO + 13.5) 26.0x24x7.5 WLL AF4A426F07KCA 426.5 fO ± 3.5 3.0 0.8 1.7 30 (fO - 13.5) 26.0x24x7.5 AF7A1880F60KCA 1880.0 fO ± 30.0 3.5 1.5 1.5 50 (fO + 50) 44.0x16x8.0 US-PCS AF7A1960F60KCA 1960.0 fO ± 30.0 3.5 1.5 1.5 50 (fO - 50) 44.0x16x8.0 AF6A830F10KCA 830.0 fO ± 5.0 4.0 0.5 1.5 60 (fO ± 50) 38.0x18.5x7.5 C-CDMA AF6A875F10KCA 875.0 fO ± 5.0 4.0 0.5 1.5 60 (fO ± 50) 38.0x18.5x7.5 AF5B902F25HCA 902.5 fO ± 12.5 3.0 1.0 1.5 38 (fO + 32.5) 26.0x16x6.5 GSM AF5B947F25HCA 947.5 fO ± 12.5 3.0 1.0 1.5 38 (fO - 32.5) 26.0x16x6.5 AF5A1950F60HCA 1950.0 fO ± 30.0 2.5 1.0 1.5 55 (fO ± 160) 26.0x14x6.5 W-CDMA AF5A2140F60HCA 2140.0 fO ± 30.0 2.5 1.0 1.5 55 (fO ± 160) 26.0x14x6.5 AF5B1880F60KCA 1880.0 fO ± 30.0 3.5 1.5 1.5 30 (fO + 50) 32.0x17x7.5 US-PCS AF5B1960F60KCA 1960.0 fO ± 30.0 3.5 1.5 1.5 30 (fO - 50) 32.0x17x7.5 AF9A870F02KCA 870.0 fO ± 1.0 15.0 2.0 1.5 70 (fO ± 10) 56.0x20x7.5 Narrow Band AF9A990F02KCA 990.0 fO ± 3.0 12.0 2.0 1.5 50 (fO ± 10) 56.0x20x7.5 AF5A1100F400HCA 1100.0 fO ± 200.0 1.5 1.0 1.8 40 (fO - 400) 26.0x14x6.5 Wide Band AF6A1000F350KCA 1000.0 fO ± 175.0 2.0 0.8 1.5 35 (fO - 275) 38.0x18.5x7.5 AF6A1237F575KCA 1237.5 fO ± 287.5 2.0 0.5 1.5 10 (fO – 337.5) 38.0x18.5x7.5 AF10A975F250KCA 975.0 fO ± 125.0 3.5 1.7 1.8 40 (fO ± 170) 62.0x20x7.5 Note: Please consult VTC support for other frequencies and specification that is not listed above. Method of Definition AF 4 A 2025 S 60 D C A AF : AF type dielectric filter 4 : Number of holes A : Notch type 2025 : Center frequency in MHz S : PCB mount type 60 : Bandwidth in MHz D : Dimensions C : Hole structure A : Versions |