| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OMAP3530ECBC72 bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBC72 bảng dữ liệu(HTML) 7 Page - Texas Instruments |
|
7 / 265 page ![]() OMAP3530, OMAP3525 www.ti.com SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 Table 1-1. Differences Between CBB, CBC, and CUS Packages (continued) FEATURE CBB PACKAGE CBC PACKAGE CUS PACKAGE A maximum of 170 GPIO pins are supported. The following GPIO pins are not available: gpio_112, gpio_113, gpio_114, gpio_115, gpio_52, gpio_53, gpio_63, gpio_64, gpio_144, gpio_145, gpio_146, A maximum of 188 GPIO pins A maximum of 188 GPIO pins GPIO gpio_147, gpio_152, gpio_153, are supported. are supported. gpio_154, gpio_155, gpio_175, and gpio_176. Pin muxing restricts the total number of GPIO pins available at one time. For more details, see Table 2-4, Multiplexing Characteristics (CUS Pkg.). Copyright © 2008–2013, Texas Instruments Incorporated OMAP3530 and OMAP3525 Applications Processors 7 Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |