| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OMAP3530ECBC bảng dữ liệu(PDF) 115 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBC bảng dữ liệu(HTML) 115 Page - Texas Instruments |
|
115 / 265 page ![]() OMAP3530, OMAP3525 www.ti.com SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 Table 2-25. Power Supplies Signals Description(1) (continued) SIGNAL NAME DESCRIPTION BALL BOTTOM BALL TOP BALL BOTTOM BALL TOP BALL BOTTOM (CBB Pkg.) (CBB Pkg.) (CBC Pkg.) (CBC Pkg.) (CUS Pkg.) vss Ground AG2 / U2 / B2 / H2 / B18 / AC20 / G1/ K1/ R1/ W1/ B2/ C1/ F1/ H2/ M2/ R2/ W15/ V16/ V15/ AG3 / W3 / P3 / J3 / AB5 / AB14 / AB20 H4/ N4/ R4/ W4/ AB5/ Y6/AA7/ Y11/ AA16/ U16/ U15/ U14/ E3 / A3 / P4 / E4 / / P2 / F22 / E2 / A6/ D7/ Y7/AE7/ A8/ W20/P20/ L21/ H20/ U11/ U9/T16/ T15/ AG6 / D7 / C7 / V9 / C22 / B4 / B7 / B10 G8/ D10/ G10/ L10/ F20/ B14/A13/ A7 T14/ T13/ T12/ T11/ U9 / P9 / N9 / K9 / / B15 N10/ Y10/ AC10/ C12/ T10/ T9/ R15/ R14/ W10 / V10 / P10 / D12/A13/ D14/ AD14/ R11/ R10/ P17/ K10 / D10 / C10 / K15/ Y16/ L17/ N17/ P15/ P14/ P13/P12/ AF12 / AE12 / Y12 / R17/ D18/ D20/G20/ P11/ P10/ P8/ N16/ K12 / J12 / Y13 / E22/ AB22/ G23/ L23/ N15/ N14/ N13/ W13 / J13 / D13 / T23/ W23/ AF23/ B25/ N12/ N11/ N10/ N9/ C13 / W14 / K16 / K25/U25/ AD25 M16/ M13/ M11/ J16 / Y17 / W17 / M10/ M9/ L17/ L13/ K17 / J17 / W19 / L10/ L8/ K15/ K14/ V19 / R19 / P19 / K11/ K10/ J16/ J15/ L19 / K19 / D19 / J14/ J13/ J12/ C19 / AF20 / AE20 / J11/H16/ H14/ H11 T20 / R20 / M20 / L20 / D21 / C22 / AC25 / Y25 / W25 / AC26 / R26 / L26 / A26 / G27 / B27/ AA26/ M28/ AG16/ AH21 vdds_sram SRAM LDOs W16 NA U12 NA AA12 vdds_mmc1 MMC IO power K25 NA N23 NA N24 domain for CMD, CLK, and DAT(0..3) vdds_mmc1a Power supply for P25 NA P23 NA H8 MMC DAT [4..7] cap_vdd_sram_m SRAM LDO V4 NA N9 NA U8 pu _iva capacitance for VDDRAM1 cap_vdd_sram_co SRAM LDO L21 NA K20 NA H17 re capacitance for VDDRAM2 Copyright © 2008–2013, Texas Instruments Incorporated TERMINAL DESCRIPTION 115 Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |