công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L6712QTR bảng dữ liệu(PDF) 24 Page - STMicroelectronics

tên linh kiện L6712QTR
Giải thích chi tiết về linh kiện  TWO-PHASE INTERLEAVED DC/DC CONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6712QTR bảng dữ liệu(HTML) 24 Page - STMicroelectronics

Back Button L6712QTR Datasheet HTML 19Page - STMicroelectronics L6712QTR Datasheet HTML 20Page - STMicroelectronics L6712QTR Datasheet HTML 21Page - STMicroelectronics L6712QTR Datasheet HTML 22Page - STMicroelectronics L6712QTR Datasheet HTML 23Page - STMicroelectronics L6712QTR Datasheet HTML 24Page - STMicroelectronics L6712QTR Datasheet HTML 25Page - STMicroelectronics L6712QTR Datasheet HTML 26Page - STMicroelectronics L6712QTR Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
L6712A L6712
24/27
ing point must be routed as parallel traces in order to avoid the pick-up of any noise. It's also important to
avoid any offset in the measurement and to get a better precision, to connect the traces as close as pos-
sible to the sensing elements, dedicated current sense resistor or low side mosfet RdsON.
Moreover, when using the low side mosfet RdsON as current sense element, the ISENx pin is practically
connected to the PHASEx pin. DO NOT CONNECT THE PINS TOGETHER AND THEN TO THE HS
SOURCE! The device won't work properly because of the noise generated by the return of the high side
driver. In this case route two separate nets: connect the PHASEx pin to the HS Source (route together
with HGATEx) with a wide net (30 mils) and the ISENx pin to the LS Drain (route together with PGNDSx).
Moreover, the PGNDSx pin is always connected, through the Rg resistor, to the PGND: DO NOT CON-
NECT DIRECTLY TO THE PGND! In this case the device won't work properly. Route anyway to the LS
mosfet source (together with ISENx net).
Right and wrong connections are reported in Figure 17.
Symmetrical layout is also suggested to avoid any unbalance between the two phases of the converter.
Figure 17. PCB layout connections for sense nets.
To HS Gate
and Source
To LS Drain
and Source
To PHASE
connection
VIA to GND plane
Wrong (left) and correct (right) connections for the current reading sensing nets.
NOT CORRECT
CORRECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com