| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP1623-I/MC bảng dữ liệu(PDF) 27 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP1623-I/MC bảng dữ liệu(HTML) 27 Page - Microchip Technology |
|
27 / 30 page ![]() 2010-2016 Microchip Technology Inc. DS40001420D-page 27 MCP1623/24 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. X /XX Package Temperature Range Device Device: MCP1623: 0.65V, PWM Only True Disconnect, Sync Boost Regulator MCP1624: 0.65V, PWM/PFM True Disconnect, Sync Boost Regulator Tape and Reel Option: Blank = Standard packaging (tube or tray) T = Tape and Reel(1) Temperature Range: I= -40 C to +85C (Industrial) Package: CH = Plastic Small Outline Transistor (SOT-23), 6-lead CHY* = Plastic Small Outline Transistor (SOT-23), 6-lead MC = Plastic Dual Flat, No Lead (2x3 DFN), 8-lead Y* = Nickel palladium gold manufacturing designator. Only available on the SOT-23 package. Examples: a) MCP1623T-I/CHY: Tape and Reel, 0.65V, Sync Reg., 6LD SOT-23 package b) MCP1624T-I/CHY: Tape and Reel, 0.65V, Sync Reg., 6LD SOT-23 package c) MCP1623-I/MC: 0.65V, Sync Reg., 8LD DFN package d) MCP1623T-I/MC: Tape and Reel, 0.65V, Sync Reg., 8LD DFN package e) MCP1624-I/MC: 0.65V, Sync Reg., 8LD DFN package f) MCP1624T-I/MC: Tape and Reel, 0.65V, Sync Reg., 8LD DFN package Note 1: Tape and Reel identifier only appears in the catalog part number description. This identi- fier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. [X](1) Tape and Reel Option |