| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP1623 bảng dữ liệu(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP1623 bảng dữ liệu(HTML) 13 Page - Microchip Technology |
|
13 / 30 page ![]() 2010-2016 Microchip Technology Inc. DS40001420D-page 13 MCP1623/24 4.2.2 PWM MODE OPERATION In normal PWM operation, the MCP1623/24 operates as a fixed frequency, synchronous boost converter. The switching frequency is internally maintained with a oscillator typically set to 500 kHz. The MCP1623 device will operate in PWM-only mode even during periods of light load operation. By operating in PWM-only mode, the output ripple remains low and the frequency is constant. Operating in fixed PWM mode results in lower efficiency during light load operation (when compared to PFM mode (MCP1624)). Lossless current sensing converts the peak current signal to a voltage to sum with the internal slope compensation. This summed signal is compared to the voltage error amplifier output to provide a peak current control command for the PWM signal. The slope compensation is adaptive to the input and output voltage. Therefore, the converter provides the proper amount of slope compensation to ensure stability, but is not excessive, which causes a loss of phase margin. The peak current limit is set to 425 mA typical. 4.2.3 PFM MODE OPERATION The MCP1624 device is capable of operating in normal PWM mode and PFM mode to maintain high efficiency at all loads. In PFM mode, the output ripple has a variable frequency component that changes with the input voltage and output current. With no load, the quiescent current draw from the output is typically 19 µA. The PFM mode can be disabled in selected device options. PFM operation is initiated if the output load current falls below an internally programmed threshold. The output voltage is continuously monitored. When the output voltage drops below its nominal value, PFM operation pulses one or several times to bring the output back into regulation. If the output load current rises above the upper threshold, the MCP1624 transitions smoothly into PWM mode. 4.2.4 ADJUSTABLE OUTPUT VOLTAGE The MCP1623/24 output voltage is adjustable with a resistor divider over a 2.0V minimum to 5.5V maximum range. High-value resistors are recommended to minimize quiescent current to keep efficiency high at light loads. 4.2.5 ENABLE/OUTPUT DISCONNECT The enable pin is used to turn the boost converter on and off. The enable threshold voltage varies with input voltage. To enable the boost converter, the EN voltage level must be greater than 90% of the VIN voltage. To disable the boost converter, the EN voltage must be less than 20% of the VIN voltage. The MCP1623/24 devices incorporate a true output disconnect feature. With the EN pin pulled low, the output of the MCP1623/24 is isolated or disconnected from the input by turning off the integrated P-Channel switch and removing the switch bulk diode connection. This removes the DC path typical in boost converters, which allows the output to be disconnected from the input. During this mode, less than 1 µA of current is consumed from the input (battery). True output discon- nect does not discharge the output; the output voltage is held up by the external COUT capacitance. 4.2.6 INTERNAL BIAS The MCP1623/24 gets its start-up bias from VIN. Once the output exceeds the input, bias comes from the output. Therefore, once started, operation is completely independent of VIN. Operation is only limited by the output power level and the input source series resistance. Once started, the output will remain in regulation down to 0.35V typical with 1 mA output current for low source impedance inputs. 4.2.7 INTERNAL COMPENSATION The error amplifier, with its associated compensation network, completes the closed-loop system by comparing the output voltage to a reference at the input of the error amplifier, and feeding the amplified and inverted signal to the control input of the inner current loop. The compensation network provides phase leads and lags at appropriate frequencies to cancel excessive phase lags and leads of the power circuit. All necessary compensation components and slope compensation are integrated. 4.2.8 SHORT-CIRCUIT PROTECTION Unlike most boost converters, the MCP1623/24 allows its output to be shorted during normal operation. The internal current limit and overtemperature protection limit excessive stress and protect the device during periods of short circuit, overcurrent and overtemperature. 4.2.9 LOW-NOISE OPERATION The MCP1623/24 integrates a low-noise anti-ringing switch that damps the oscillations typically observed at the switch node of a boost converter when operating in the Discontinuous Inductor Current mode. This removes the high-frequency radiated noise. 4.2.10 OVERTEMPERATURE PROTECTION Overtemperature protection circuitry is integrated in the MCP1623/24. This circuitry monitors the device junction temperature and shuts the device off if the junction temperature exceeds the typical +150oC threshold. If this threshold is exceeded, the device will automatically restart once the junction temperature drops by 10oC. The soft start is reset during an overtemperature condition. |