| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM393WDT bảng dữ liệu(PDF) 11 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
LM393WDT bảng dữ liệu(HTML) 11 Page - Rohm |
|
11 / 38 page ![]() Datasheet www.rohm.com TSZ02201-0RFR0G200530-1-2 © 2015 ROHM Co., Ltd. All rights reserved. 11/34 6.July.2015 Rev.001 TSZ22111・15・001 LM393xxx LM2903xx LM339xx LM2901xx Typical Performance Curves - continued ○ LM393xxx/LM2903xx (*)The above characteristics are measurements of typical sample, they are not guaranteed. LM393:-40°C to +85°C LM2903:-40°C to +125°C 85°C Figure 10. Input Offset Voltage vs Ambient Temperature Figure 11. Input Bias Current vs Supply Voltage Figure 12. Input Bias Current vs Ambient Temperature Figure 13. Input Offset Current vs Supply Voltage -8 -6 -4 -2 0 2 4 6 8 -50 -25 0 25 50 75 100 125 150 Ambient Temperature [°C] 2V 5V 36V 0 20 40 60 80 100 120 140 160 0 5 10 15 20 25 30 35 Supply Voltage [V] -40°C 25°C 125°C 0 20 40 60 80 100 120 140 160 -50 -25 0 25 50 75 100 125 150 Ambient Temperature [°C] 2V 5V 36V -50 -40 -30 -20 -10 0 10 20 30 40 50 0 1020 3040 Supply Voltage [V] 125°C 25°C -40°C 85°C |