công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P89LPC931FDH bảng dữ liệu(PDF) 11 Page - NXP Semiconductors

tên linh kiện P89LPC931FDH
Giải thích chi tiết về linh kiện  8-bit microcontrollers with two-clock 80C51 core 4 kB/8 kB 3 V Flash with 256-byte data RAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC931FDH bảng dữ liệu(HTML) 11 Page - NXP Semiconductors

Back Button P89LPC931FDH Datasheet HTML 7Page - NXP Semiconductors P89LPC931FDH Datasheet HTML 8Page - NXP Semiconductors P89LPC931FDH Datasheet HTML 9Page - NXP Semiconductors P89LPC931FDH Datasheet HTML 10Page - NXP Semiconductors P89LPC931FDH Datasheet HTML 11Page - NXP Semiconductors P89LPC931FDH Datasheet HTML 12Page - NXP Semiconductors P89LPC931FDH Datasheet HTML 13Page - NXP Semiconductors P89LPC931FDH Datasheet HTML 14Page - NXP Semiconductors P89LPC931FDH Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
Philips Semiconductors
P89LPC930/931
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 05 — 15 December 2004
11 of 55
9397 750 14472
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
7.
Special function registers
Remark: Special Function Registers (SFRs) accesses are restricted in the following
ways:
• User must not attempt to access any SFR locations not defined.
• Accesses to any defined SFR locations must be strictly for the functions for the
SFRs.
• SFR bits labeled ‘-’, ‘0’ or ‘1’ can only be written and read as follows:
– ‘-’ Unless otherwise specified, must be written with ‘0’, but can return any value
when read (even if it was written with ‘0’). It is a reserved bit and may be used in
future derivatives.
– ‘0’ must be written with ‘0’, and will return a ‘0’ when read.
– ‘1’ must be written with ‘1’, and will return a ‘1’ when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55