| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FO-BD2-R bảng dữ liệu(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd. |
|
|
|||||||||||||||||||||||||||||
FO-BD2-R bảng dữ liệu(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd. |
|
1 / 5 page ![]() COMPONENTS PRODUCT INFORMATION CONNECTOR NEW MB-0278-2 May 2015 JAE PMK Div. Proprietary. Copyright © 2015, Japan Aviation Electronics Industry, Ltd. 1/5 Waterproof I/O Connector to Make Direct Connection with SFP FO-BD2 Series Receptacle Waterproof Cap for receptacle Plug <<Outline>> The FO-BD2 Series connector is a waterproof I/O connector that can mate directly with the on-board SFP transceiver and modular jack inside the devices. The FO-BD2 Series connector has a superior environmental resistance performance and is ideal for use in a wide range of outdoor applications such as base stations of mobile phones and communication devices. Possible to connect directly to on-board SFP transceivers, modular jacks and others. Highly flexible and compatible connections with various types of SFP transceivers, modular jacks and others. Assembly of Plug Harnesses can be completed on site as plug can be built- in to existing harnesses. Dual lock plug method prevents excessive load on the connections of the inner connector during operation. Possible to replace connector as the panel attachment is compatible with TE manufactured FullAXS. Environmental resistance performance ideal for outdoor applications. When connected with modular jack When connected with SFP transceiver Features RoHS Compliant |
Số phần tương tự - FO-BD2-R |
|
Mô tả tương tự - FO-BD2-R |