| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT250-DF02-2 bảng dữ liệu(PDF) 6 Page - Japan Aviation Electronics Industry, Ltd. |
|
|
|||||||||||||||||||||||||||||
AT250-DF02-2 bảng dữ liệu(HTML) 6 Page - Japan Aviation Electronics Industry, Ltd. |
|
6 / 11 page ![]() MB-0276-4 JAE PMK Div. Proprietary. Copyright © 2015, Japan Aviation Electronics Industry, Ltd. 6/11 Type No. of Contacts Part Number Drawing A B C D E 14 DF02C014A11 SJ114040 25.8 32 19.9 9.0 9.1 26 DF02C026A11 SJ114041 33.5 32 24.8 9.5 9.1 36 DF02C036A11 SJ114245 39.8 32 31.1 10.0 9.1 50 DF02C050A11 SJ114042 48.7 32 40.0 11.5 9.15 68 DF02C068A11 SJ114247 60.1 32 51.4 12.0 9.15 14 DF02D014A11 SJ114742 25.8 39 19.9 10.0 9.1 20 DF02D020A11 SJ114243 29.7 39 22.0 11.0 9.1 26 DF02D026A11 SJ114252 33.5 39 24.8 11.0 9.1 50 DF02D050A11 SJ114254 48.7 39 40.0 11.5 9.15 26 DF02D026A21 SJ114160 33.5 39 24.8 11.0 12.0 50 DF02D050A21 SJ114162 48.7 39 40.0 11.5 12.4 Straight Short Straight Long Straight Long / Thick Wire Compatible Type ■ Straight Short ■ Straight Long ■ Straight Long / Thick Cable Compatible Type [Hood] Series Development No. Hood Type C: Straight Short (Soldering plug cannot be used) D: Straight Long F: Angle Long No. of Contacts Lock Type A: Lock Spring B: Screw Lock Applicable Cable 1: Standard 2: Thick Cable Compatible DF 02 ******* <When mated> <When mated> Modification Code 1: Standard |