công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ME30A1203C01 bảng dữ liệu(PDF) 2 Page - SL Power Electronics

tên linh kiện ME30A1203C01
Giải thích chi tiết về linh kiện  20 to 30W Single Output External Power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SLPOWER [SL Power Electronics]
Trang chủ  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

ME30A1203C01 bảng dữ liệu(HTML) 2 Page - SL Power Electronics

  ME30A1203C01 Datasheet HTML 1Page - SL Power Electronics ME30A1203C01 Datasheet HTML 2Page - SL Power Electronics ME30A1203C01 Datasheet HTML 3Page - SL Power Electronics ME30A1203C01 Datasheet HTML 4Page - SL Power Electronics ME30A1203C01 Datasheet HTML 5Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ME30
20 to 30W Single Output External Power
Medical Series
www.slpower.com
ME30 Rev 1.9
25-APR-16
2
Model Selection (continued)
Model
Output
Output
Ripple &
Line
Load
Overvoltage
Output
Input
Number
Volts
Current
Power
Noise
¹
Regulation
Regulation
Trip Range
Connector
Configuration
ME30A0503Q01
5.0V
4.00A
20W
75mV pk-pk
±1%
±5%
5.75V-7.75V
2.5 x 5.5 x
9.5mm
Straight Barrel
Type, center
positive
Class II
Desktop,
IEC60320 C18
Receptacle
ME30A0903Q01
9.0V
3.00A
27W
90mV pk-pk
±1%
±5%
11.7V-16.2V
ME30A1203Q01
12.0V
2.50A
30W
120mV pk-pk
±1%
±5%
14.4V-16.8V
ME30A1503Q01
15.0V
2.00A
30W
150mV pk-pk
±1%
±5%
18.0V-21.0V
ME30A1803Q01
18.0V
1.67A
30W
180mV pk-pk
±1%
±5%
21.6V-25.2V
ME30A2403Q01
24.0V
1.33A
30W
240mV pk-pk
±1%
±5%
28.8V-33.6V
ME30A4803Q01
48.0V
0.63A
30W
480mV pk-pk
±1%
±5%
55.0V-60.0V
ME30A0503B01
5.0V
4.00A
20W
75mV pk-pk
±1%
±5%
5.75V-7.75V
2.5 x 5.5 x
9.5mm
Straight Barrel
Type, center
positive
Class II Wall-
Plug,
Interchangeabl
e Blades (North
American Blade
included)
²
ME30A0903B01
9.0V
3.00A
27W
90mV pk-pk
±1%
±5%
11.7V-16.2V
ME30A1203B01
12.0V
2.50A
30W
120mV pk-pk
±1%
±5%
14.4V-16.8V
ME30A1503B01
15.0V
2.00A
30W
150mV pk-pk
±1%
±5%
18.0V-21.0V
ME30A1803B01
18.0V
1.67A
30W
180mV pk-pk
±1%
±5%
21.6V-25.2V
ME30A2403B01
24.0V
1.33A
30W
240mV pk-pk
±1%
±5%
28.8V-33.6V
ME30A4803B01
48.0V
0.63A
30W
480mV pk-pk
±1%
±5%
55.0V-60.0V
ME30A0503C01
5.0V
4.00A
20W
75mV pk-pk
±1%
±5%
5.75V-7.75V
2.5 x 5.5 x
9.5mm
Straight Barrel
Type, center
positive
Class II Wall-
Plug, Fixed
North American
Blades³
ME30A0903C01
9.0V
3.00A
27W
90mV pk-pk
±1%
±5%
11.7V-16.2V
ME30A1203C01
12.0V
2.50A
30W
120mV pk-pk
±1%
±5%
14.4V-16.8V
ME30A1503C01
15.0V
2.00A
30W
150mV pk-pk
±1%
±5%
18.0V-21.0V
ME30A1803C01
18.0V
1.67A
30W
180mV pk-pk
±1%
±5%
21.6V-25.2V
ME30A2403C01
24.0V
1.33A
30W
240mV pk-pk
±1%
±5%
28.8V-33.6V
ME30A4803C01
48.0V
0.63A
30W
480mV pk-pk
±1%
±5%
55.0V-60.0V
Notes:
1. Measured at the output connector, with noise probe directly across output and load terminated with 0.1μF ceramic and 10μF low ESR capacitors. For 5V and
6V models, values listed are typical, 100mV pk-pk maximum with 0.1μF ceramic and 47μF low ESR capacitors used at measurement point.
2. Order blade kit KT-1027K for other blades (EU. UK, Australia)
3. For EU fixed blades, replace “C” in the model number with “M”, for UK blades, replace “C” with “G”, for Australia blades, replace “C” with “H”.
4. All specifications are typical at nominal input, full load, at 25
°C ambient unless noted.
5. For Input Class I models: For AC GND connected to output common (-), insert a “B” in the part number where the “A” is located (ME30B1203F01).
General Specifications
AC Input
100-240Vac, ±10%, 47-63Hz, 1
∅
Turn On Time
Less than 700mS @115Vac, full load
Input Current
115Vac: 1.2A, 230Vac:0.6A
Hold-up Time
20mS min., at full Load, 100Vac input
Inrush Current
264Vac, cold start: will not exceed 40A
Overtemperature
Protection
Will shutdown upon an overtemperature
condition, auto-recovery.
Input Fuses
F1, F2: 2.0A, 250Vac fuses (line & neutral
lines) provided on all models
Overload Protection
130 to 180% of rating, Hiccup Mode
Earth Leakage
Current
Input-GND: <500μA@264Vac, 60Hz, NC
Output-GND: <4mA@264Vac, 60Hz, NC
Short Circuit
Protection
Hiccup Mode, auto recovery.
Efficiency
>87%, typical
Overvoltage
Protection
Hiccup mode, see models chart for trip
ranges.
Output Power
20 to 30W continuous – See models chart for
specific voltage model ratings.
Isolation
Input-Output:
2 MOPP
Input-Ground:
1 MOPP
Output-Ground: 1 MOPP
No Load Input
Power
<0.1W per DoE Efficiency Level VI
Requirements
Safety Standards
EN/IEC/UL60601-1-1, 3rd edition
Ripple and Noise
See models chart on pg 1.
Operating
Temperature
-20°C to +50°C
Start Up at -40°C, full load, (warmup period before
all parameters are within published specifications).
Output Voltage
See models chart on pg 1.
Temperature
Derating
Derate output power above 40°C to TBD at
50°C
Transient
Response
500
µs response time for return to within 0.5%
of final value for any 50% load step over the
range of 5% to 100% of rated load,
∆i/∆t<
0.2A/
µs. Max. voltage deviation is +/-3.5%.
Storage Temperature
-40°C to +85°C
Regulation
See models chart on pg 1.
Altitude
Operating: to 5000m.
Non-operating: -500 to 40,000 ft.
Drop Test
1.4m from table top to wooden platform, 6
faces.
Relative Humidity
5% to 95%, non-condensing



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com