| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS843001 bảng dữ liệu(PDF) 3 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS843001 bảng dữ liệu(HTML) 3 Page - Integrated Circuit Systems |
|
3 / 15 page ![]() 843001AG www.icst.com/products/hiperclocks.html REV. B OCTOBER 13, 2004 3 Integrated Circuit Systems, Inc. ICS843001 FEMTOCLOCKS™CRYSTAL-TO- 3.3V LVPECL CLOCK GENERATOR TABLE 3A. POWER SUPPLY DC CHARACTERISTICS, V CC = 3.3V±5%, T A = -30°C TO 85°C l o b m y Sr e t e m a r a Ps n o i t i d n o C t s e Tm u m i n i Ml a c i p y Tm u m i x a Ms t i n U V C C e g a t l o V y l p p u S e r o C 5 3 1 . 33 . 35 6 4 . 3V V A C C e g a t l o V y l p p u S g o l a n A 5 3 1 . 33 . 35 6 4 . 3V I A C C t n e r r u C y l p p u S g o l a n AI n i d e d u l c n i E E 2 1A m I E E t n e r r u C y l p p u S r e w o P 3 9A m TABLE 3C. LVPECL DC CHARACTERISTICS, V CC = 3.3V±5%, T A = -30°C TO 85°C l o b m y Sr e t e m a r a Ps n o i t i d n o C t s e Tm u m i n i Ml a c i p y Tm u m i x a Ms t i n U V H O 1 E T O N ; e g a t l o V h g i H t u p t u OV C C 4 . 1 -V C C 9 . 0 -V V L O 1 E T O N ; e g a t l o V w o L t u p t u OV C C 0 . 2 -V C C 7 . 1 -V V G N I W S g n i w S e g a t l o V t u p t u O k a e P - o t - k a e P6 . 00 . 1V 0 5 h t i w d e t a n i m r e t s t u p t u O : 1 E T O N Ω V o t C C . V 2 - TABLE 4. CRYSTAL CHARACTERISTICS r e t e m a r a Ps n o i t i d n o C t s e Tm u m i n i Ml a c i p y Tm u m i x a Ms t i n U n o i t a ll i c s O f o e d o M l a t n e m a d n u F y c n e u q e r F 5 7 3 4 . 3 25 2 6 5 . 6 2z H M ) R S E ( e c n a t s i s e R s e i r e S t n e l a v i u q E 0 5 Ω e c n a t i c a p a C t n u h S 7F p ABSOLUTE MAXIMUM RATINGS Supply Voltage, V CC 4.6V Inputs, V I -0.5V to V CC + 0.5V Outputs, I O Continuous Current 50mA Surge Current 100mA Package Thermal Impedance, θ JA 101.7°C/W (0 mps) Storage Temperature, T STG -65°C to 150°C NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.These ratings are stress specifications only. Functional operation of product at these conditions or any conditions be- yond those listed in the DC Characteristics or AC Character- istics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability. TABLE 3B. LVCMOS/LVTTL DC CHARACTERISTICS, V CC = 3.3V±5%, T A = -30°C TO 85°C l o b m y Sr e t e m a r a Ps n o i t i d n o C t s e Tm u m i n i Ml a c i p y Tm u m i x a Ms t i n U V H I e g a t l o V h g i H t u p n I 2V C C 3 . 0 +V V L I e g a t l o V w o L t u p n I 3 . 0 -8 . 0V I H I t n e r r u C h g i H t u p n IL E S _ Q E R FV C C V = N I V 5 6 4 . 3 =0 5 1A µ I L I t n e r r u C w o L t u p n IL E S _ Q E R FV C C V , V 5 6 4 . 3 = N I V 0 =5 -A µ |