| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC72-3.3MUATR bảng dữ liệu(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC72-3.3MUATR bảng dữ liệu(HTML) 5 Page - Microchip Technology |
|
5 / 28 page ![]() © 2011 Microchip Technology Inc. DS21743B-page 5 TC72 FIGURE 1-1: Serial Port Timing Diagrams. CE 1/fCLK tCL tCH D7 D0 HIGH Z SDI SPI READ DATA TRANSFER CE 1/fCLK tCC A7 = 1 tCL tCH D7 D0 SDI A0 A7 tDC tCDH A0 t F t R tDC tCDH t R tF SCK tCC (CP = 0, data shifted on rising edge of SCK, data clocked on falling edge of SCK, A7 = 0) (CP = 0, data shifted on rising edge of SCK, data clocked on falling edge of SCK, A7 = 1) tCDD SDO SCK tCCH tCWH tCDZ HIGH Z tCWH tCCH Note: The timing diagram is drawn with CP = 0. The TC72 also functions with CP = 1; however, the edges of SCK are reversed as defined in Table 4-3 and Figure 4-2. SPI WRITE DATA TRANSFER MSb LSb MSb LSb MSb LSb MSb LSb |