| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XC62FP1502ML bảng dữ liệu(PDF) 7 Page - Torex Semiconductor |
|
|
|||||||||||||||||||||||||||||
XC62FP1502ML bảng dữ liệu(HTML) 7 Page - Torex Semiconductor |
|
7 / 16 page ![]() Ta=25 °C XC62FP3002 VOUT(T)=3.0V (Note1) PARAMETER SYMBOL CONDITIONS Output Voltage VOUT (E) (Note2) IOUT=40mA VIN=4.0V Load Stability ∆VOUT Input -Output Voltage Differential (Note3) Maximum Output Current IOUT max VIN=4.0V, VOUT(E) ≥ 2.7V VIN=4.0V 1mA ≤ IOUT ≤ 80mA Ta=25 °C XC62FP2002 VOUT(T)=2.0V (Note1) PARAMETER SYMBOL CONDITIONS Output Voltage VOUT (E) (Note2) IOUT=40mA VIN=3.0V Load Stability ∆VOUT Input -Output Voltage Differential (Note3) Maximum Output Current IOUT max VIN=3.0V, VOUT(E) ≥ 1.8V VIN=3.0V 1mA ≤ IOUT ≤ 60mA MIN 2.940 2.0 150 TYP 3.000 45 90 MAX 3.060 4.5 UNITS V mV µA mA CIRCUIT 1 1 0.2 0.3 %/V 1 2 1 180 360 mV 1 Vdif1 IOUT=80mA 700 400 mV 1 Vdif2 IOUT=160mA VIN=4.0V Supply Current ISS 10 V — Input Voltage VIN Input Stability IOUT=40mA 4.0V ≤ VIN ≤ 10.0V ∆VOUT ∆VIN • VOUT ±100 ppm/ °C 1 Output Voltage Temperature Characteristics IOUT=40mA -40 °C ≤ Topr ≤ 85°C ∆VOUT ∆Topr • VOUT MIN 1.960 2.0 100 TYP 2.000 45 90 MAX 2.040 4.5 UNITS V mV µA mA CIRCUIT 1 1 0.2 0.3 %/V 1 2 1 180 360 mV 1 Vdif1 IOUT=60mA 700 400 mV 1 Vdif2 IOUT=120mA VIN=3.0V Supply Current ISS 10 V — Input Voltage VIN Input Stability IOUT=40mA 3.0V ≤ VIN ≤ 10.0V ∆VOUT ∆VIN • VOUT ±100 ppm/ °C 1 Output Voltage Temperature Characteristics IOUT=40mA -40 °C ≤ Topr ≤ 85°C ∆VOUT ∆Topr • VOUT 1. VOUT(T)=Specified Output Voltage . 2. VOUT(E)=Effective Output Voltage (i.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value). 3. Vdif= {VIN1 (Note4)-VOUT (E)} 4. VIN1= The input voltage at the time 98% of VOUT(E) is output (input voltage has been gradually reduced). Note: XC62FP Series 291 3 03S_05XC62FP 02.9.12 3:01 PM ページ 291 |