công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HV881 bảng dữ liệu(PDF) 7 Page - Supertex, Inc

tên linh kiện HV881
Giải thích chi tiết về linh kiện  Dimmable, Low Noise, 16 channel EL Lamp Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SUTEX [Supertex, Inc]
Trang chủ  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV881 bảng dữ liệu(HTML) 7 Page - Supertex, Inc

  HV881 Datasheet HTML 1Page - Supertex, Inc HV881 Datasheet HTML 2Page - Supertex, Inc HV881 Datasheet HTML 3Page - Supertex, Inc HV881 Datasheet HTML 4Page - Supertex, Inc HV881 Datasheet HTML 5Page - Supertex, Inc HV881 Datasheet HTML 6Page - Supertex, Inc HV881 Datasheet HTML 7Page - Supertex, Inc HV881 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
HV881
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Pin Configuration and External Component Description
Pin #
Pin Name Description
1
REL-Osc
The external resistor from REL-Osc to VDD sets the EL frequency. The EL frequency is inversely
proportional to the external R
EL resistor value. Reducing the resistor value by a factor of two will
result in increasing the EL frequency by two.
2
RSLOPE
The external resistor, R
SL, from RSLOPE to VDD, controls the EL1 - EL16 outputs discharge time.
The equation for the EL1 - EL16 outputs typical fall time is:
t
f(typ) = VCS / ((VDD - 0.85) / (RSL • 3pF))µs.
3
RSW-Osc
The external resistor from RSW-Osc to VDD sets the switch converter frequency. The switch con-
verter frequency is inversely proportional to the R
SW resistor value. Reducing the resistor value by
a factor of two will result in increasing the switch converter frequency by two.
4
VREG
The input voltage to set the V
CS regulation voltage. This pin allows an external voltage source to
control the V
CS amplitude in the range from 0 to 195V.
The output voltage is (403 ± 10%) • V
REG.
The V
REG voltage can also be set by using an external resistor between VREG and VOUT pins.
The output charging rate is inversely proportional to the resistor value.
5
VOUT
Switched and voltage divided to one-third the internal reference voltage. An external resistor be-
tween VREG and VOUT pins controls the V
CS charging rate. If this pin is not used, then it should
be left floating.
6
VDD
The low voltage input supply pin.
7
GND
Device ground.
8
EN
1.7V logic input pin to turn the device ON/OFF. A logic high turns ON the device and a logic LOW
turns the device OFF.
9 – 16
EL16 - EL9 EL lamp 16, EL lamp 15 …. EL lamp 9 connections.
17
COM
The common connection for all the 16 EL lamps.
18 – 25
EL8 - EL1 EL lamp 8, EL lamp 7 …. EL lamp 1 connections.
26
HVGND
High voltage ground. It should be connected to device ground.
27
CS
Connect a 0.001µF to 0.01µF 200V capacitor between this pin and ground. This capacitor stores
the energy transferred from the inductor.
28
SCL
The I2C logic serial clock input pin.
29
SDA
The I2C logic serial data input pin.
30
GATE
The gate control pin for the switching MOSFET. The connection for an external MOSFET.
In general, low R
ON MOSFET’s, which can handle more current, are more suitable to drive larger
size lamps. Also a small value inductor should be used. But as the R
ON value and the inductor
value decrease, the switching frequency of the inductor (controlled by R
SW) should be increased
to avoid inductor saturation.
The external MOSFET threshold voltage minimum value should be equal to V
DD or lower.
31
VDRIVE
Drive voltage for the MOSFET gate voltage. An external bypass capacitor (C
G) is required to
ground.
32
SEL
The external logic signal input pin to set the EL frequency. If this pin is used, the REL-Osc pin
should be connected to ground.
The frequency input at this pin should be at 50% duty cycle and at eight times the desired EL
output frequency. If this pin is not used then it should be left floating. This pin has an internal pull-
down resistor of 1.0MΩ ± 50%.
Center Pad
Center heat slug, externally connected to Ground.



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com