| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADE3050SX bảng dữ liệu(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ADE3050SX bảng dữ liệu(HTML) 26 Page - STMicroelectronics |
|
26 / 88 page ![]() Digital Video Input (DVI) ADE3XXX 26/88 DVI_PLL_3 0x0483 R/W [7:6] 0x0 Strobe 7 Adjust R/W [5:4] 0x0 Strobe 6 Adjust R/W [3:2] 0x0 Strobe 5 Adjust R/W [1:0] 0x0 Strobe 4 Adjust DVI_PLL_4 0x0484 R/W [7:6] 0x0 Strobe 11 Adjust R/W [5:4] 0x0 Strobe 10 Adjust R/W [3:2] 0x0 Strobe 9 Adjust R/W [1:0] 0x0 Strobe 8 Adjust DVI_PLL_5 0x0485 R/W [7:6] 0x0 Strobe 15 Adjust R/W [5:4] 0x0 Strobe 14 Adjust R/W [3:2] 0x0 Strobe 13 Adjust R/W [1:0] 0x0 Strobe 12 Adjust DVI_PLL_6 0x0486 R/W [7:6] 0x0 Strobe 19 Adjust R/W [5:4] 0x0 Strobe 18 Adjust R/W [3:2] 0x0 Strobe 17 Adjust R/W [1:0] 0x0 Strobe 16 Adjust DVI_PLL_7 0x0487 R/W [7:6] 0x0 Strobe 23 Adjust R/W [5:4] 0x0 Strobe 22 Adjust R/W [3:2] 0x0 Strobe 21 Adjust R/W [1:0] 0x0 Strobe 20 Adjust DVI_PLL_8 0x0488 R/W [7:6] 0x0 Strobe 27 Adjust R/W [5:4] 0x0 Strobe 26 Adjust R/W [3:2] 0x0 Strobe 25 Adjust R/W [1:0] 0x0 Strobe 24 Adjust DVI_PLL_2 0x0482 R/W [7:6] [5:4] [3:2] [1:0] 0x0 Strobe [0:3] Delay Adjustment 0x0: Normal 0x1: Slow 0x2: Fast 0x3: Reserved DVI_PLL_3 0x0483 R/W [7:6] [5:4] [3:2] [1:0] 0x0 Strobe [4:7] Delay Adjustment 0x0: Normal 0x1: Slow 0x2: Fast 0x3: Reserved DVI_PLL_4 0x0484 R/W [7:6] [5:4] [3:2] [1:0] 0x0 Strobe [8:11] Delay Adjustment 0x0: Normal 0x1: Slow 0x2: Fast 0x3: Reserved DVI_PLL_5 0x0485 R/W [7:6] [5:4] [3:2] [1:0] 0x0 Strobe [12:15] Delay Adjustment 0x0: Normal 0x1: Slow 0x2: Fast 0x3: Reserved Table 9: DVI Registers (Sheet 4 of 5) Register Name Addr Mode Bits Default Description |