| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADE3000SX bảng dữ liệu(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ADE3000SX bảng dữ liệu(HTML) 63 Page - STMicroelectronics |
|
63 / 88 page ![]() 63/88 ADE3XXX Pattern Generator Block PGEN_P0_COLOR_B_C1 0x0628 R/W [7:0] 0x0 Pattern 0 Color C1 - Blue PGEN_P1_COLOR_R_C0 0x0629 R/W [7:0] 0x0 Pattern 1 Color C0 - Red PGEN_P1_COLOR_G_C0 0x062A R/W [7:0] 0x0 Pattern 1 Color C0 - Green PGEN_P1_COLOR_B_C0 0x062B R/W [7:0] 0x0 Pattern 1 Color C0 - Blue PGEN_P1_COLOR_R_C1 0x062C R/W [7:0] 0x0 Pattern 1 Color C1 - Red PGEN_P1_COLOR_G_C1 0x062D R/W [7:0] 0x0 Pattern 1 Color C1 - Green PGEN_P1_COLOR_B_C1 0x062E R/W [7:0] 0x0 Pattern 1 Color C1 - Blue PGEN_P0_GRADDELTA_R 0x062F R/W [7:0] 0x0 Pattern 0 Gradient Delta on Red PGEN_P0_GRADDELTA_G 0x0630 R/W [7:0] 0x0 Pattern 0 Gradient Delta on Green PGEN_P0_GRADDELTA_B 0x0631 R/W [7:0] 0x0 Pattern 0 Gradient Delta on Blue PGEN_P0_GRADSTEP_X 0x0632 R/W [7:0] 0x0 Pattern 0 Gradient Horizontal Step PGEN_P0_GRADSTEP_Y 0x0633 R/W [7:0] 0x0 Pattern 0 Gradient Vertical Step PGEN_P1_GRADDELTA_R 0x0634 R/W [7:0] 0x0 Pattern 1 Gradient Delta on Red PGEN_P1_GRADDELTA_G 0x0635 R/W [7:0] 0x0 Pattern 1 Gradient Delta on Green PGEN_P1_GRADDELTA_B 0x0636 R/W [7:0] 0x0 Pattern 1 Gradient Delta on Blue PGEN_P1_GRADSTEP_X 0x0637 R/W [7:0] 0x0 Pattern 1 Gradient Horizontal Step PGEN_P1_GRADSTEP_Y 0x0638 R/W [7:0] 0x0 Pattern 1 Gradient Vertical Step PGEN_P0_SEQ_COL0_COL1 0x0639 [7] Reserved R/W [6:4] 0x0 Pattern 0 Bar 1 Color [3] Reserved R/W [2:0] 0x0 Pattern 0 Ba R0 Color PGEN_P0_SEQ_COL2_COL3 0x063A [7] Reserved R/W [6:4] 0x0 Pattern 0 Bar 3 Color [3] Reserved R/W [2:0] 0x0 Pattern 0 Bar 2 Color PGEN_P0_SEQ_COL4_COL5 0x063B [7] Reserved R/W [6:4] 0x0 Pattern 0 Bar 5 Color [3] Reserved R/W [2:0] 0x0 Pattern 0 Bar 4 Color PGEN_P0_SEQ_COL6_COL7 0x063C [7] Reserved R/W [6:4] 0x0 Pattern 0 Bar 7 Color [3] Reserved R/W [2:0] 0x0 Pattern 0 Bar 6 Color PGEN_P1_SEQ_COL0_COL1 0x063D [7] Reserved R/W [6:4] 0x0 Pattern 1 Bar 1 Color [3] Reserved R/W [2:0] 0x0 Pattern 1 Bar 0 Color PGEN_P1_SEQ_COL2_COL3 0x063E [7] Reserved R/W [6:4] 0x0 Pattern 1 Bar 3 Color [3] Reserved R/W [2:0] 0x0 Pattern 1 Bar 2 Color PGEN_P1_SEQ_COL4_COL5 0x063F [7] Reserved R/W [6:4] 0x0 Pattern 1 Bar 5 Color [3] Reserved R/W [2:0] 0x0 Pattern 1 Bar 4 Color Table 21: PGEN Registers (Sheet 3 of 4) Register Name Addr Mode Bits Default Description |