| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADE3000T bảng dữ liệu(PDF) 73 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ADE3000T bảng dữ liệu(HTML) 73 Page - STMicroelectronics |
|
73 / 88 page ![]() 73/88 ADE3XXX Flicker Block FLK_FRAME_CNT_MAX 0x0CA3 R/W [7:0] 0x8 Number of Frames to complete one measurement total number of pixels in a line is: FRAME_CNT_MAX x (2 ^ (3 + HBLOCK_SIZE) ) example: HBLOCK_SIZE = 4; FRAME_CNT_MAX = 8; In each frame only one portion of the image is being scored. The width of that portion is 2 ^ (3 + HBLOCK_SIZE) = 128 pixels and the height is the full height of the image. Thus the total scored area after 8 frames is 128 x 8 = 1024 pixels wide. FLK_MEAS0_0 0x0CB1 R/W [7:0] 0x0 Score for Pattern 0 FLK_MEAS0_1 0x0CB2 R/W [7:0] FLK_MEAS0_2 0x0CB3 R/W [7:0] FLK_MEAS0_3 0x0CB4 R/W [7:0] FLK_MEAS1_0 0x0CB5 R/W [7:0] 0x0 Score for Pattern 1 FLK_MEAS1_1 0x0CB6 R/W [7:0] FLK_MEAS1_2 0x0CB7 R/W [7:0] FLK_MEAS1_3 0x0CB8 R/W [7:0] FLK_MEAS2_0 0x0CB9 R/W [7:0] 0x0 Score for Pattern 2 FLK_MEAS2_1 0x0CBA R/W [7:0] FLK_MEAS2_2 0x0CBB R/W [7:0] FLK_MEAS2_3 0x0CBC R/W [7:0] FLK_MEAS3_0 0x0CBD R/W [7:0] 0x0 Score for Pattern 3 FLK_MEAS3_1 0x0CBE R/W [7:0] FLK_MEAS3_2 0x0CBF R/W [7:0] FLK_MEAS3_3 0x0CC0 R/W [7:0] FLK_MEAS4_0 0x0CC1 R/W [7:0] 0x0 Score for Pattern 4 FLK_MEAS4_1 0x0CC2 R/W [7:0] FLK_MEAS4_2 0x0CC3 R/W [7:0] FLK_MEAS4_3 0x0CC4 R/W [7:0] FLK_MEAS5_0 0x0CC5 R/W [7:0] 0x0 Score for Pattern 5 FLK_MEAS5_1 0x0CC6 R/W [7:0] FLK_MEAS5_2 0x0CC7 R/W [7:0] FLK_MEAS5_3 0x0CC8 R/W [7:0] FLK_MEAS6_1 0x0CC9 R/W [7:0] 0x0 Score for Pattern 6 FLK_MEAS6_2 0x0CCA R/W [7:0] FLK_MEAS6_3 0x0CCB R/W [7:0] FLK_MEAS6_4 0x0CCC R/W [7:0] Table 26: Flicker Registers (Sheet 2 of 3) Register Name Addr Mode Bits Default Description |