công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE7250XLE bảng dữ liệu(PDF) 10 Page - Infineon Technologies AG

tên linh kiện TLE7250XLE
Giải thích chi tiết về linh kiện  High Speed CAN-Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7250XLE bảng dữ liệu(HTML) 10 Page - Infineon Technologies AG

Back Button TLE7250XLE Datasheet HTML 6Page - Infineon Technologies AG TLE7250XLE Datasheet HTML 7Page - Infineon Technologies AG TLE7250XLE Datasheet HTML 8Page - Infineon Technologies AG TLE7250XLE Datasheet HTML 9Page - Infineon Technologies AG TLE7250XLE Datasheet HTML 10Page - Infineon Technologies AG TLE7250XLE Datasheet HTML 11Page - Infineon Technologies AG TLE7250XLE Datasheet HTML 12Page - Infineon Technologies AG TLE7250XLE Datasheet HTML 13Page - Infineon Technologies AG TLE7250XLE Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
TLE7250XLE
TLE7250XSJ
Functional Description
Data Sheet
10
Rev. 1.0, 2015-08-12
4.2
Modes of Operation
The TLE7250X supports two different modes of operation, receive-only mode and normal-operating mode while
the transceiver is supplied according to the specified functional range. The mode of operation is selected by the
RM input pin (see Figure 4).
Figure 4
Mode state diagram
4.2.1
Normal-operating Mode
In normal-operating mode the transmitter and the receiver of the HS CAN transceiver TLE7250X are active (see
Figure 1). The HS CAN transceiver sends the serial data stream on the TxD input pin to the CAN bus. The data
on the CAN bus is displayed at the RxD pin simultaneously. A logical “low” signal on the RM pin selects the normal-
operating mode, while the transceiver is supplied by
V
CC and VIO (see Table 2 for details).
4.2.2
Receive-only Mode
In receive-only mode the normal-mode receiver is active and the transmitter is turned off. The TLE7250X can
receive data from the HS CAN bus, but cannot send any data to the HS CAN bus.
A logical “high” signal on the RM pin selects the receive-only mode, while the transceiver is supplied by
V
CC and
V
IO (see Table 2 for details).
VCC > VCC(UV,R)
RM = 0
normal-operating
mode
RM = 1
receive-only mode
RM = 0
RM = 1
VIO > VIO(UV,R)
VIO > VIO(UV,R)
VCC > VCC(UV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com