công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RN2483-I/RM bảng dữ liệu(PDF) 8 Page - Microchip Technology

tên linh kiện RN2483-I/RM
Giải thích chi tiết về linh kiện  Low-Power Long Range LoRa짰 Technology Transceiver Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN2483-I/RM bảng dữ liệu(HTML) 8 Page - Microchip Technology

Back Button RN2483-I/RM Datasheet HTML 4Page - Microchip Technology RN2483-I/RM Datasheet HTML 5Page - Microchip Technology RN2483-I/RM Datasheet HTML 6Page - Microchip Technology RN2483-I/RM Datasheet HTML 7Page - Microchip Technology RN2483-I/RM Datasheet HTML 8Page - Microchip Technology RN2483-I/RM Datasheet HTML 9Page - Microchip Technology RN2483-I/RM Datasheet HTML 10Page - Microchip Technology RN2483-I/RM Datasheet HTML 11Page - Microchip Technology RN2483-I/RM Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
RN2483
DS50002346B-page 8
 2015 Microchip Technology Inc.
3.0
TYPICAL HARDWARE CONNECTIONS
Figure 3-1 shows the typical hardware connections.
FIGURE 3-1:
HARDWARE CONNECTIONS
3.1
INTERFACE TO HOST MCU
The RN2483 module has a dedicated UART interface
to communicate with a host controller. Optional
handshake lines are supported in future firmware
releases. The “RN2483 LoRa® Technology Module
Command Reference User’s Guide” (DS40001784)
provides a detailed UART command description.
Table 3-1 shows the default settings for the UART
communication.
3.2
GPIO PINS (GPIO0-GPIO13)
The module has 14 GPIO pins. These lines can be
connected to switches, LEDs, and relay outputs. The
pins can be either logic inputs or outputs, and some
pins have analog input capability that can be accessed
via the module firmware. These pins have limited sink
and source capabilities. Electrical characteristics are
described in Table 2-2. For more information, see
“RN2483 LoRa® Technology Module Command
Reference User’s Guide” (DS40001784).
3.3
RF CONNECTIONS (RFL, RFH)
RFL is the RF analog port for the lower frequency band
(433 MHz) while RFH is for the higher frequency band
(868 MHz). When routing RF paths, use proper strip
lines with an impedance of 50 Ohm.
3.4
RESET PIN
The Reset pin of the module is an active-low logic
input.
3.5
POWER PINS
It is recommended to connect power pins (Pin 12 and
34) to a stable supply voltage with sufficient source
current. Table 2-3 shows the current consumption.
Additional filtering capacitors are not required but used
to ensure stable supply voltage in a noisy environment.
Note 1: Optional handshake lines are supported in future firmware releases.
TABLE 3-1:
DEFAULT UART SETTINGS
Specification
Description
Baud Rate
57600 bps
Packet Length
8 bit
Parity Bit
No
Stop Bits
1 bit
Hardware Flow Control
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com