| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VPC3243D bảng dữ liệu(PDF) 24 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
VPC3243D bảng dữ liệu(HTML) 24 Page - Micronas |
|
24 / 78 page ![]() VPC 323xD, VPC 324xD ADVANCE INFORMATION 24 Micronas 2.12. Picture in Picture (PIP) Processing and Control 2.12.1. Configurations To support PIP and/or scan rate conversion (SRC) applications, the VPC32xxD provides several control signals for an external field memory IC. Fig. 2–21 demonstrates two applications with a single VPC 32xxD. In these cases the VPCsingle writes the main picture or one of several inset picture(s) into the field memory. Only one of these pictures is displayed live. These configurations are suitable for features such as turner scan, still picture, still in picture and simple scan rate conversion. Fig. 2–22 shows an enhanced configuration with two VPC 32xxD’s. In this case, one live and several still pictures are inserted into the main live video signal. The VPCpip processes the inset picture and writes the original or decimated picture into the field memory. The VPCmain delivers the main picture, combines it with the inset picture(s) from the field memory and stores the combined video signal into a second field memory for the SRC. Fig. 2–21: Typical configurations with single VPC 32xxD Fig. 2–22: Enhanced configuration with two VPC 32xxD VPC 32XXD (single) field memory DDP 3310B YCrCb/RGB CVBS YCrCb LLC1, RSTWR, WE, IE YCrCb RGB H/V Def. LLC2, FIFORRD, FIFORD VPC 32XXD (single) YCrCb/RGB CVBS YCrCb LLC1, RSTWR, WE, IE YCrCb field memory LLC1, RSTWR, RE VPC 32XXD (pip) VPC 32XXD (main) field memory (for PIP) field memory (for SRC) DDP 3310B YCrCb/RGB CVBS YCrCb/RGB CVBS (for main picture) (for PIP) YCrCb LLC1, RSTWR, WE, IE YCrCb YCrCb LLC1, RSTWR, RE, OE LLC1, RSTWR, WE, IE RGB H/V Def. LLC2, FIFORRD, FIFORD YCrCb |