công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RN171 bảng dữ liệu(PDF) 10 Page - Microchip Technology

tên linh kiện RN171
Giải thích chi tiết về linh kiện  2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN171 bảng dữ liệu(HTML) 10 Page - Microchip Technology

Back Button RN171 Datasheet HTML 6Page - Microchip Technology RN171 Datasheet HTML 7Page - Microchip Technology RN171 Datasheet HTML 8Page - Microchip Technology RN171 Datasheet HTML 9Page - Microchip Technology RN171 Datasheet HTML 10Page - Microchip Technology RN171 Datasheet HTML 11Page - Microchip Technology RN171 Datasheet HTML 12Page - Microchip Technology RN171 Datasheet HTML 13Page - Microchip Technology RN171 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
RN171
DS70005171B-page 10
 2014-2016 Microchip Technology Inc.
2.8
Power Management
The module supports an ultra-low power sleep state,
from which it can wake for a range of detected reasons.
It transitions from asleep to CPU-active in 1.7 ms, and
CPU active to network connection in less than 35 ms
(typical). The RN171 also supports a keep-alive doze
state that provides an instant transition to a wake state.
2.8.1
FORCE AWAKE
The RN171 may be forced awake by asserting the
FORCE_AWAKE pin for at least 245 ms. If the
FORCE_AWAKE pin remains asserted, the module is
prevented from sleeping or dozing.
2.8.2
POWER SUPPLY
For supply voltages in the range of 3.0 to 3.7 volts, con-
nect the module using the power supply (no boost cir-
cuit). Refer to Figure 3-1 for an example.
2.8.3
BATTERY BOOST CONTROL
CIRCUIT
The RN171 includes a battery boost control circuitry for
battery voltages in the range of 1.8 to 3.3V. Five exter-
nal components as shown in Figure 3-2 make up the
battery boost circuit.
2.9
Module Reset
There are several ways to Reset the module:
• A Power-On Reset is generated automatically
when power is applied. This Reset is intended to
initialize the module when a new battery is con-
nected.
• Perform an external Power-On Reset by pulling
the RESET pin low.
• Perform a soft Power-On Reset using software
commands.
• A Reset can be triggered by a critical event, such
as a brownout, generated if the supply voltage
drops below the minimum operating voltage
2.9.1
BROWN-OUT DETECTION
The RN171 includes a brown-out detector that holds
the module in Reset if the battery voltage falls below
the minimum operating voltage.
WARNING
The battery boost circuit should not be operated with
battery supply voltages above 3.3 volts.
Note:
If the RN171 module is used in battery
applications, it is highly recommended
that a voltage supervisory device be
employed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com