công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RN52-I/RM bảng dữ liệu(PDF) 22 Page - Microchip Technology

tên linh kiện RN52-I/RM
Giải thích chi tiết về linh kiện  Bluetooth Audio Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN52-I/RM bảng dữ liệu(HTML) 22 Page - Microchip Technology

Back Button RN52-I/RM Datasheet HTML 18Page - Microchip Technology RN52-I/RM Datasheet HTML 19Page - Microchip Technology RN52-I/RM Datasheet HTML 20Page - Microchip Technology RN52-I/RM Datasheet HTML 21Page - Microchip Technology RN52-I/RM Datasheet HTML 22Page - Microchip Technology RN52-I/RM Datasheet HTML 23Page - Microchip Technology RN52-I/RM Datasheet HTML 24Page - Microchip Technology RN52-I/RM Datasheet HTML 25Page - Microchip Technology RN52-I/RM Datasheet HTML 26Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
RN52
DS70005120A-page 22
 2015 Microchip Technology Inc.
5.0
ORDERING INFORMATION
Table 5-1 provides ordering information for the RN52
module.
Go to http://www.microchip.com for current pricing and
a list of distributors carrying Microchip products.
TABLE 5-1:
ORDERING INFORMATION(1)
Part Number
Description
RN52-I/RM
Standard application firmware (A2DP/AVRCP/SPP) (master).
Note 1:
For other configurations, contact Microchip directly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26