công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VPC324XD bảng dữ liệu(PDF) 21 Page - Micronas

tên linh kiện VPC324XD
Giải thích chi tiết về linh kiện  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRONAS [Micronas]
Trang chủ  http://www.micronas.com
Logo MICRONAS - Micronas

VPC324XD bảng dữ liệu(HTML) 21 Page - Micronas

Back Button VPC324XD Datasheet HTML 17Page - Micronas VPC324XD Datasheet HTML 18Page - Micronas VPC324XD Datasheet HTML 19Page - Micronas VPC324XD Datasheet HTML 20Page - Micronas VPC324XD Datasheet HTML 21Page - Micronas VPC324XD Datasheet HTML 22Page - Micronas VPC324XD Datasheet HTML 23Page - Micronas VPC324XD Datasheet HTML 24Page - Micronas VPC324XD Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
ADVANCE INFORMATION
VPC 323xD, VPC 324xD
Micronas
21
Fig. 2–16: Horizontal timing for line-locked mode
Fig. 2–17: PAL+ helper reference line output signal
Table 2–8: Output signal code levels for a PAL/PAL+ signal
Output Signal
Luma Outputs Y[7:0]
Chroma Outputs C[7:0]
Output Format
Black/Zero
Level
Amplitude
Output Format
Amplitude
Standard YCrCb
(100% Chroma)
binary
16
224
offset binary
128
±112
signed
±112
CVBS, CrCb
binary
64
149 (luma)
offset binary
128
±112
signed
±112
Demodulated
Helper
signed
0
±109
––
Helper WSS
binary
68
149 (WSS:106)
–
–
Helper black level,
Ref. Burst
offset binary
128
19 (128–109)
–
–
131
16
line length (programmable)
0
line length/2
horizontal pixel counter
horizontal sync (HS)
horizontal clamp (HC)
newline (internal signal)
active video out (AVO)
vertical sync (VS), field 1
vertical sync (VS), field 2
field 1
field 2
start / stop programmable
start of video output (programmable)
start / stop programmable
174
68
255
Helper Burst
(demodulated)
WSS SIgnal
19
128
binary format
255
signed format
0
black level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78