công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MDF51 bảng dữ liệu(PDF) 9 Page - Hirose Electric

tên linh kiện MDF51
Giải thích chi tiết về linh kiện  High Voltage Board to Cable Connectors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HIROSE [Hirose Electric]
Trang chủ  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF51 bảng dữ liệu(HTML) 9 Page - Hirose Electric

Back Button MDF51 Datasheet HTML 3Page - Hirose Electric MDF51 Datasheet HTML 4Page - Hirose Electric MDF51 Datasheet HTML 5Page - Hirose Electric MDF51 Datasheet HTML 6Page - Hirose Electric MDF51 Datasheet HTML 7Page - Hirose Electric MDF51 Datasheet HTML 8Page - Hirose Electric MDF51 Datasheet HTML 9Page - Hirose Electric MDF51 Datasheet HTML 10Page - Hirose Electric MDF51 Datasheet HTML 11Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
B330
MDF51 Series
High Voltage Board to Cable Connectors
●Crimp contact
2.25
3.1
1.4
t=0.2
Type
Part Number
CL No.
Packaging
MDF51-24SCF(40)
547-2005-0-40
Reel
Quantity
Finish
10,000
Tin plated
RoHS
YES
Jacket diameter
1.74mm
Note: When using other than the recommended wire, contact your nearest
Hirose sales representative.
UL style: UL3239
Strip length
1.8 to 2.6mm
Part Number
Applicator
Press
Contact extraction tool
AP105-MDF51-24S
CM-105
DF-C-PO(B)
CL No.
CL901-4607-9-00
CL901-0005-4-00
CL550-0179-2-00
Applicable contact
MDF51-24SCF
-----------------
MDF51-24SCF
Tools
●Applicable wire (Tin plated annealed copper wire)
Wire size (Stranded wire conductor)
AWG24 (19 / 0.127mm)
All dimensions: mm
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com