| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TP_SERIES bảng dữ liệu(PDF) 1 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
TP_SERIES bảng dữ liệu(HTML) 1 Page - Copal Electronics |
|
1 / 5 page ![]() TP&TPL Ultra-Miniature Pushbutton Switches ■ :WLJPÄJH[PVUZ Rating Silver plated contacts 0.1A 30VDC max. Gold plated contacts 0.1A 30VDC max. 1 μA min. Initial contact resistance Silver plated contacts : 50m Ω max. (1.5mA 200μVAC) Gold plated contacts : 100m Ω max. Dielectric strength 500VAC 1 minute Insulation resistance 100MΩmin. (500VDC) Electrical life 10,000 operations Operating force TP 1.47 ±0.98N (Momentaly) TPL 2.45 ±0.98N (Push to lock) Operating temperature range −10∼+70℃ Storage temperature range −25∼+85℃ ■ Features 1. Long Travel DPDT ultra-miniature switch with long travel (latch position: 1 mm, total travel: 1.5 mm). 2. High Contact Reliability Clip type contact mechanism ensures high reliability. 3. PC Board Mount Terminal pitch is in inches (multiples of 2.54 mm) for all models. The unique terminal shape prevents the terminal pins from coming loose from the PC board during dip soldering. 4. Epoxy Sealed Terminals Epoxy sealed terminals prevent ingress of flux. 5. Wide Variety of Accessories Wide selection of accessories including color buttons, mounting frames, and LED illuminations are available 6. Unified Mounting Height The mounting height of the TP/TPL series is the same as the LTR/LTM series which makes it convenient to design into the same panel. T P L 1 − 01 G − L2 Series code Timing of switching Operation type Contact plating LED color Structure Registration No. Non-shorting Momentary Puch to lock Silver Without LED Red Green Yellow Gold None None None P LG L8 L5 L2 RoHS Compliant ■Part Numbering ■Construction Fig. 12 Construction Without LED With LED |
Số phần tương tự - TP_SERIES |
|
Mô tả tương tự - TP_SERIES |