công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AC182015-2 bảng dữ liệu(PDF) 15 Page - Microchip Technology

tên linh kiện AC182015-2
Giải thích chi tiết về linh kiện  ZENA??Wireless Adapter User?셲 Guide
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC182015-2 bảng dữ liệu(HTML) 15 Page - Microchip Technology

Back Button AC182015-2 Datasheet HTML 11Page - Microchip Technology AC182015-2 Datasheet HTML 12Page - Microchip Technology AC182015-2 Datasheet HTML 13Page - Microchip Technology AC182015-2 Datasheet HTML 14Page - Microchip Technology AC182015-2 Datasheet HTML 15Page - Microchip Technology AC182015-2 Datasheet HTML 16Page - Microchip Technology AC182015-2 Datasheet HTML 17Page - Microchip Technology AC182015-2 Datasheet HTML 18Page - Microchip Technology AC182015-2 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
ZENA™ WIRELESS ADAPTER
USER’S GUIDE
© 2011-2012 Microchip Technology Inc.
DS70664B-page 15
Chapter 2. Getting Started
2.1
INTRODUCTION
The ZENA Wireless Adapter is a flexible, multipurpose device. Firmware applications
can be updated from a computer application program such as the Wireless
Development Studio.
The ZENA Wireless Adapter is pre-programmed with a MiWi™ Wireless Protocol
Sniffer application. This allows the user to display MiWi Wireless Protocol packets in a
graphical format in the Wireless Development Studio.
ZENA Wireless Adapter software and firmware updates can be downloaded from the
Microchip web site http://www.microchip.com/zena.
2.2
INSTALLATION
2.2.1
Installing the Wireless Development Studio
The Wireless Development Studio can be downloaded from the Microchip web site:
http://www.microchip.com/wds. Install the program following the installation
instructions that come with the package.
2.2.2
Installing USB Drivers
The ZENA Wireless Adapter has been designed to communicate with the Microchip
MPLABComm driver which is based on the libusb-win32 (for Windows) and libusb (for
Mac and Linux operating systems) libraries. The USB Drivers come with the Wireless
Development Studio. To install the USB drivers, follow the sections below for the
operating system of choice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com