công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C6411GLZ bảng dữ liệu(PDF) 30 Page - Texas Instruments

tên linh kiện TMS320C6411GLZ
Giải thích chi tiết về linh kiện  FIXED POINT DIGITAL SIGNAL PROCESSOR
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6411GLZ bảng dữ liệu(HTML) 30 Page - Texas Instruments

Back Button TMS320C6411GLZ Datasheet HTML 26Page - Texas Instruments TMS320C6411GLZ Datasheet HTML 27Page - Texas Instruments TMS320C6411GLZ Datasheet HTML 28Page - Texas Instruments TMS320C6411GLZ Datasheet HTML 29Page - Texas Instruments TMS320C6411GLZ Datasheet HTML 30Page - Texas Instruments TMS320C6411GLZ Datasheet HTML 31Page - Texas Instruments TMS320C6411GLZ Datasheet HTML 32Page - Texas Instruments TMS320C6411GLZ Datasheet HTML 33Page - Texas Instruments TMS320C6411GLZ Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 119 page
background image
TMS320C6411
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS196H − MARCH 2002 − REVISED JULY 2004
30
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
signal groups description (continued)
†
HHWIL/PTRDY
HCNTL0/PSTOP
HCNTL1/PDEVSEL
Data
Register Select
Half-Word
Select
Control
HPI†
(Host-Port Interface)
32
HD[31:0]/AD[31:0]
HAS/PPAR
HR/W/PCBE2
HCS/PPERR
HDS1/PSERR
HDS2/PCBE1
HRDY/PIRDY
HINT/PFRAME
(HPI16 ONLY)
These HPI pins are muxed with the PCI peripheral. By default, these signals function as HPI. For more details on these muxed pins,
see the Device Configurations section of this data sheet.
HD[31:0]/AD[31:0]
HR/W/PCBE2
HDS2/PCBE1
PCBE0
GP12/PGNT
GP11/PREQ
GP14/PCLK
HINT/PFRAME
GP13/PINTA
Data/Address
Arbitration
32
Clock
Control
PCI Interface‡
HAS/PPAR
GP15/PRST
HRDY/PIRDY
HCNTL0/PSTOP
HHWIL/PTRDY
GP10/PCBE3
GP9/PIDSEL
HCNTL1/PDEVSEL
HDS1/PSERR
Error
Command
Byte Enable
Serial
EEPROM
XSP_DO
XSP_CS
XSP_CLK
XSP_DI
HCS/PPERR
These PCI pins (excluding PCBE0 , XSP_DO, XSP_CLK, XSP_DI, and XSP_CS) are muxed with the HPI or GPIO peripherals. By
default, these signals function as HPI and no function, respectively. For more details on these muxed pins, see the Device
Configurations section of this data sheet.
‡
Figure 4. Peripheral Signals (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More