| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RN41-I/RM bảng dữ liệu(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
RN41-I/RM bảng dữ liệu(HTML) 18 Page - Microchip Technology |
|
18 / 28 page ![]() RN41/RN41N DS50002280A-page 18 2014 Microchip Technology Inc. 3.5 New Zealand The New Zealand radio regulations do not provide a modular approval policy similar to the United States (FCC) and Canada (IC). However, RN41/RN41N mod- ule RF transmitter test reports can be used in part to demonstrate compliance against the New Zealand “General User Radio License for Short Range Devices”. New Zealand Radio communications (Radio Standards) Notice 2010 calls up the AS / NZS 4268:2008 industry standard. The RN41/RN41N mod- ule test reports can be used as part of the product cer- tification and compliance folder. All test reports are available on the RN41/RN41N product web page at http://www.microchip.com. For more information on the RF transmitter test reports, contact Microchip Technol- ogy sales office. Information on the New Zealand short range devices license can be found in the following web links: http://www.rsm.govt.nz/cms/licensees/types-oflicence/ general-user-licences/short-range-devices and http://www.rsm.govt.nz/cms/policy-and-planning/spec- trum-policy-overview/legislation/gazette-notices/prod- uct-compliance/radiocommunications-radiostandards- notice-2010. To meet overall New Zealand final product compliance, the developer must construct a compliance folder con- taining all relevant compliance test reports e.g. RF, EMC, electrical safety and DoC (Declaration of Confor- mity) etc. It is the responsibility of the developer to know what is required in the compliance folder for New Zealand Radio communications. For more information on New Zealand compliance, refer to the web site http:/ /www.rsm.govt.nz/. 3.5.1 EXTERNAL ANTENNA REQUIREMENTS The compliance testing listed in Table 3-2 was per- formed using the antenna types listed in Table 2-3. 3.5.2 HELPFUL WEB SITES Radio Spectrum Ministry of Economic Development: http://www.rsm.govt.nz/. |