công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPE500-48-120-R bảng dữ liệu(PDF) 10 Page - Astrodyne Corporation

tên linh kiện LPE500-48-120-R
Giải thích chi tiết về linh kiện  LPE Hot Swap Inverter Shelf
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ASTRODYNE [Astrodyne Corporation]
Trang chủ  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

LPE500-48-120-R bảng dữ liệu(HTML) 10 Page - Astrodyne Corporation

Back Button LPE500-48-120-R Datasheet HTML 4Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 5Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 6Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 7Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 8Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 9Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 10Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 11Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 12Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Specifications
Features
•
The LPE Series of DC-AC Inverters pro-
vides one of the cleanest, and most reli-
able AC power available on the market.
The LPE-TS further increases your sys-
tem’s “up-time” by including an built-in
transfer switch to transfer your load to
mains power should inverter power be
lost due to loss of DC Input, Over Tem-
perature, or a myriad of other situations.
The LPE-TS provides the dependable AC
power you need in very harsh environ-
ments.
•
The mechanical design allows the in-
verter to be mounted on any flat surface
such as a cabinet door, a side-wall, a
filler panel, or wherever your equipment
and imagination allow. The standard
connections mean you bolt it on, plug it
in, and you’re ready to go.
•
The LPE-TS is the answer for the in-
creased demand for critical ancillary AC
equipment running in DC powered cabi-
nets or near other uninterruptible DC
sources. In these applications it allows
quick and easy access to uninterruptible
AC Power and AC mains for maximum
availability.
www.tdipower.com
© Copyright 2008, Transistor Devices, Inc. 17481A
DEMANDING APPLICATIONS DEMAND TDIPOWER
LPE-TS Series 24V DC-AC Inverter
400 VA
Part no.
Description
LPE400-24-120-TS
400 VA Inverter, 24 Vdc Input, 120 VAC, 60 Hz, Output, Auto Transfer Switch
Ordering Information
Input Voltage:
24 Vdc (19-30 Vdc)
Inrush Current:
ETS300 132-2, 4.7.1
Output Voltage:
120 VAC
Output Frequency:
60 Hz
Max Output Power:
400VA
Output Regulation:
Less than 2.0%
Crest Factor:
Maximum 2.8:1
Total Harmonic Distortion: <1.0%
Efficiency:
86% Typical
DC Noise Injection:
dBRNC <30
Protection: Input & Output Fuse Protected, Input Undervoltage, Input
Overvoltage, Output Overload, Output Short Circuit, Over temperature
FRONT PANEL INDICATORS AND ALARMS
Green LED:
Input Good
Bi-Color Red/Green LED: Summary Fault / Output Good
ENVIRONMENTAL
Cooling: Internal, Variable speed fan (front to rear airflow)
Operating Temperature: -20°C to +55°C
Storage Temperature:
-40°C to +65°C
Humidity:
0-95%, non-condensing
AGENCY COMPLIANCE
Safety: UL60950-1, CE Marked to LVD (EN60950-1)
Input EMI: EN300 386:2000 (EN55022:1998 Class A)
Output EMI: EN55022 Class A
MECHANICAL
Dimensions:
11.7 x 7.1 x 1.5 (297mm x 180mm x 38mm)
Weight:
3 lbs. (1.36kg)
DC Input Connection:
2 position terminal block
AC Output Connection:
3 x IEC C-13 receptacles
Ground Connection:
8-32 threaded stud
Transfer Time:
50 mSec to AC mains



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com