| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST92185B3BJ1 bảng dữ liệu(PDF) 86 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92185B3BJ1 bảng dữ liệu(HTML) 86 Page - STMicroelectronics |
|
86 / 178 page ![]() 86/178 ST92185B - DISPLAY STORAGE RAM INTERFACE TDSRAM (Cont’d) 7.3.3 Initialisation 7.3.3.1 Clock Initialisation Before initialising the TRI, first initialise the pixel clock. Refer to the Application Examples in the OSD chapter and to the RCCU chapter for a de- scription of the clock control registers. 7.3.3.2 TRI Initialisation It is recommended to wait for a stable clock issued from the Pixel frequency multiplier before enabling the TDSRAM interface. Use the CONFIG register to initialise and start the TRI. Note: The DON bit can only be changed while GEN=0 Example: spp #0x26 ld config, #0x02 ; DON,GEN=0 or config, #0x01 ; set GEN=1 During and after a reset, the TDSRAM interface is forced into its "disable" mode where the sequencer is forced into its idle state. |