| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PA-758-353A-R1- bảng dữ liệu(PDF) 3 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
PA-758-353A-R1- bảng dữ liệu(HTML) 3 Page - Copal Electronics |
|
3 / 4 page ![]() ± 0.3 102G 352G 103G 353G 102V 102R 302R 102A Permissible change Test item Test conditions (At 25 ± 5 °C) Vibration 10 ~ 500 Hz, 1.5 mm maximum/98.1 m/s2, 3 directions for 2 hours each 490 m/s2 3 directions for 3 times each 0 ~ Rated pressure/Rated pressure range, 106 cycles 40 °C, 90 ~ 95 %RH, 240 hrs. Shock Pressure cycling Moisture resistance Item Model number PA-758 Gravitational effect (From horizontal position to vertical position) Thermal error Output current Zero current Span current Load resistance Linearity/Hysteresis Response resolving power 16 ± 0.2 0 ~ 500 ± 0.5 ± 0.05 ± 0.05 4 ~ 20 mA Approx. 2 Approx. 0.016 mA (Approx. 0.1%F.S.) ZERO %F.S./°C %F.S. SPAN %F.S./°C ms %F.S. mA mA (at 25 °C) mA (at 25 °C) ■ ENVIRONMENTAL CHARACTERISTICS ■ RECOMMENDED EXTERNAL SCHEMATICS PA-758 PRESSURE TRANSDUCERS WITH AMP. ■ INTERNAL ELECTRICAL SCHEMATICS Zero current, Span current: ± 1 %F.S. maximum each ± 0.3 ± 0.1 ± 0.05 ± 0.3 ± 0.1 4 ± 0.2 12 ± 0.2 8 ± 0.2 4 ± 0.2 ※Do not wire the CAL connection. It may cause malfunction when voltage is applied. **…Calibration Pressure CAL Sensor Main circuit Power Output + CAL (N.C) Power 24V DC Pressure Output Sensor Main circuit RL:250 V + |