| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST92196A bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92196A bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 268 page ![]() 14/268 GENERAL DESCRIPTION Table 4. I/O Port Alternate Functions Port Name General Purpose I/O Pin No. Alternate Functions SDIP56 TQFP64 P0.0 All ports useable for general pur- pose I/O (input, output or bidi- rectional) 14 8 I/O P0.1 13 7 I/O P0.2 12 6 I/O P0.3 11 5 AIN0 I A/D Analog Data Input 0 P0.4 10 4 AIN4 I A/D Analog Data Input 4 P0.5 9 3 AIN5 I A/D Analog Data Input 5 P0.6 8 2 AIN6 I A/D Analog Data Input 6 P0.7 7 63 AIN7 I A/D Analog Data Input 7 P2.0 36 34 IR I IFR Infrared Input INT7 I External Interrupt 7 P2.1 37 35 AIN1 I A/D Analog Data Input 1 INT6 I External Interrupt 6 P2.2 38 36 INT3 I External Interrupt 3 AIN2 A/D Analog Data Input 2 VSO1 O Voltage Synthesis Converter Output 1 P2.3 39 37 INT4 I External Interrupt 4 AIN3 I A/D Analog Data Input 3 VSO2 O Voltage Synthesis Converter Output 2 P2.4 3 59 INT2 I External Interrupt 2 SCL1 I/O I2C Channel 1 Serial Clock SCK O SPI Serial Clock Output P2.5 4 60 SDIO I/O SPI Serial Data SDA1 I/O I2C Channel 1 Serial Data P2.6 5 61 NMI I Non Maskable Interrupt Input P2.7 6 62 INT5 I External Interrupt 5 PIXCLK O Pixel Clock (after divide-by-2) Output P3.0 24 20 SCL3 I/O I2C Channel 3 Serial Clock TSLU O Translucency Digital Video Output P3.1 23 19 SDA3 I/O I2C Channel 3 Serial Data P3.2 22 18 INT0 I External Interrupt 0 P3.3 21 15 SYNDET1 I Sync Error Detector Input 1 DSOUT2* O Data Slicer Comparator Output 2 P3.4 20 14 INT1 I External Interrupt 1 SCL2 I/O I2C Channel 2 Serial Clock TOUTA* O MFT Timer output A P3.5 19 13 TINA* I MFT Timer input A SDA2 I/O I2C Channel 2 Serial Data |