công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74LVC2T45DCTRE4 bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74LVC2T45DCTRE4
Giải thích chi tiết về linh kiện  DUAL BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2T45DCTRE4 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  SN74LVC2T45DCTRE4 Datasheet HTML 1Page - Texas Instruments SN74LVC2T45DCTRE4 Datasheet HTML 2Page - Texas Instruments SN74LVC2T45DCTRE4 Datasheet HTML 3Page - Texas Instruments SN74LVC2T45DCTRE4 Datasheet HTML 4Page - Texas Instruments SN74LVC2T45DCTRE4 Datasheet HTML 5Page - Texas Instruments SN74LVC2T45DCTRE4 Datasheet HTML 6Page - Texas Instruments SN74LVC2T45DCTRE4 Datasheet HTML 7Page - Texas Instruments SN74LVC2T45DCTRE4 Datasheet HTML 8Page - Texas Instruments SN74LVC2T45DCTRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
SN74LVC2T45
DUALBIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES516E − DECEMBER 2003 − REVISED MAY 2004
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information (continued)
The SN74LVC2T45 is designed so that the DIR input circuit is supplied by VCCA.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
The VCC isolation feature ensures that if either VCC input is at GND, both ports are in the high-impedance state.
NanoStar
 and NanoFree package technology is a major breakthrough in IC packaging concepts, using the
die as the package.
FUNCTION TABLE
(each transceiver)
INPUT
OPERATION
DIR
OPERATION
L
B data to A bus
H
A data to B bus
logic diagram (positive logic)
B1
DIR
5
7
A1
2
VCCA
VCCB
B2
6
A2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22