| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC14425 bảng dữ liệu(PDF) 2 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
SC14425 bảng dữ liệu(HTML) 2 Page - National Semiconductor (TI) |
|
2 / 5 page ![]() Copyright 2000 National Semiconductor Corp. 2 www.national.com 1.0 CONNECTION DIAGRAM Order Number SC14425XVJG (Standard version) X=silicon revision See NS Package Number VJG100A Note 1: All digital outputs can sink/source 2 mA unless otherwise specified. All digital inputs are Schmitt trigger types. After reset all I/Os are set to input and all pull-up or pull-down resistors are enabled unless otherwise specified. PU = Pull-up resistor enabled, PD = Pull-down resistor enabled, I = input A-I, B-I = In Boot mode A or B input and pull-up or pull-down resistor disabled, A-PD, B-PU = In Boot mode A, Pull-down resistor enabled. In Boot mode B, pull-up resistor enabled. Note 2: Reset state of address and WRn, RDn pins: Hi-Z/1 means Hi-Z if RSTn is LOW, if RSTn goes HIGH is takes 32 SCLK cycles = 25 usec before these pin drives a ‘1’. Note 3: 5 Volt protection pads: type *P may NOT be connected to an external pull down resistor DAB0 AD0 AD1 AD2 AD3 P1[6] HOLDn RSTn Xtal1 DAC AVS2 AVD2 LRS2+ LRS2- VREF2- MIC2- AGND MIC2+ VREF2+ CAP2+ CAP2- N.C. CAP SCLK VDD VSS PD7 PD6 PD5 PD4 PD3 PD2 PD1 DAC2 MEN1n SO SK VDDRF RDI CMPREF RSSI AVD AVS TDO RFCLK 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 SC14425 MI INTn7 ACSn INTn6 P1[7] N.C. N.C. N.C. DAB 1 DAB2 |