| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCM2901E bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
PCM2901E bảng dữ liệu(HTML) 3 Page - Texas Instruments |
|
3 / 33 page ![]() PCM2901 PCM2903 SLES034B − MARCH 2002 − REVISED JUNE 2004 www.ti.com 3 ELECTRICAL CHARACTERISTICS all specifications at TA = 25°C, VCCC = VCCP1 = VCCP2 = VCCX = VDD = 3.3 V, fS = 44.1 kHz, fIN = 1 kHz, 16-bit data, unless otherwise noted PARAMETER TEST CONDITIONS PCM2901E, PCM2903E UNIT PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Digital Input/Output Host interface Apply USB Revision 1.1, full speed Audio data format USB isochronous data format Input Logic D+, D− 2 VDD VIH High-level input voltage XTI, HID0, HID1, and HID2 0.7 VDD VDD VDC VIH High-level input voltage SEL0, SEL1 2 5.25 VDC DIN, PCM2903 0.7 VDD 5.25 D+, D− VDD 0.8 VIL Low-level input voltage XTI, HID0, HID1, and HID2 0.3VDD VDC VIL Low-level input voltage SEL0, SEL1 0.8 VDC DIN, PCM2903 0.3VDD D+, D−, XTI, SEL0, SEL1 VIN = 3.3 V ±10 IIH High-level input current HID0, HID1, and HID2 VIN = 3.3 V 50 80 µA IIH High-level input current DIN, PCM2903 VIN = 3.3 V 65 100 µA D+, D−, XTI, SEL0, SEL1 VIN = 0 V ±10 IIL Low-level input current HID0, HID1, and HID2 VIN = 0 V ±10 µA IIL Low-level input current DIN, PCM2903 VIN = 0 V ±10 µA Output Logic D+, D− 2.8 VOH High-level output voltage DOUT, PCM2903 IOH = –4 mA 2.8 VDC VOH High-level output voltage SSPND IOH = –2 mA 2.8 VDC D+, D− 0.3 VOL Low-level output voltage DOUT, PCM2903 IOL = 4 mA 0.5 VDC VOL Low-level output voltage SSPND IOL = 2 mA 0.5 VDC Clock Frequency Input clock frequency, XTI 11.994 12 12.006 MHz ADC Characteristics Resolution 8, 16 bits Audio data channel 1, 2 channel |